Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8610-XX Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8610-XX
Description  1A BiCMOS Very Low Dropout Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8610-XX Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8610-XX Datasheet HTML 1Page - Microsemi Corporation LX8610-XX Datasheet HTML 2Page - Microsemi Corporation LX8610-XX Datasheet HTML 3Page - Microsemi Corporation LX8610-XX Datasheet HTML 4Page - Microsemi Corporation LX8610-XX Datasheet HTML 5Page - Microsemi Corporation LX8610-XX Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 0.6f,2000-09-15
LX8610-xx
1A BiCMOS Very Low Dropout Regulators
PRELIMINARY DATASHEET
A
M I CROSEM I
COM P A N Y

  
   

 
  
VIN
Positive supply input for the regulator. Bypass to GND with at least 2.2µF of low ESR, ESL capacitance if
supply source is further than 1 inch from the device.
VOUT
Output for the regulator. It is recommended to bypass to GND with at least 10µF although this is not required
for regulation, rather it is needed for transient response. Size your output capacitor to meet the transient
loading requirement. If you have a very dynamic load, a larger capacitor will improve the response to these
load steps.
GND
Reference ground. The input and output bypass capacitors should be connected to this pin. In addition the tab
on the SOT-223 package and pins 2,3,6, and 7 on the SOIC package are also used for heat sinking the device.
ADJ
Feedback pin for the regulator. For the LX8610-00, the output voltage can be set by two external resistors with
the following relationship: VOUT = 1.25V * (1 + RA / RB) where RA is the resistor connected between VOUT and
ADJ, and RB is the resistor connected between ADJ and GND.
ENALBE
Enable input. This pin has a threshold of about VIN / 2, it should be actively pulled high to enable the regulator.
This can be accomplished with a resistive pull-up. When low, it turns off the regulator and puts the device in a
low current shutdown state.
 
 
V
IN
LX8610-00
IN
ENABLE
GND
ADJ
OUT
V
OUT
V
REF
C
IN
C
OUT
R
A
R
B
1
8
2,3
6,7
4
5
+
=
B
A
R
R
V
V
REF
OUT
1
Figure 1 – Typical Application


Similar Part No. - LX8610-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8630-00CDD MICROSEMI-LX8630-00CDD Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-00CP MICROSEMI-LX8630-00CP Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-25CDD MICROSEMI-LX8630-25CDD Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-25CP MICROSEMI-LX8630-25CP Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
LX8630-33CDD MICROSEMI-LX8630-33CDD Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
More results

Similar Description - LX8610-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8630-XX MICROSEMI-LX8630-XX Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1209 A-POWER-APU1209_14 Datasheet
170Kb / 10P
   1A VERY LOW DROPOUT POSITIVE
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com