Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-50100-AAA-JD-AE Datasheet(PDF) 3 Page - ON Semiconductor

Part # KAF-50100-AAA-JD-AE
Description  Frame CCD Image Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-50100-AAA-JD-AE Datasheet(HTML) 3 Page - ON Semiconductor

  KAF-50100-AAA-JD-AE Datasheet HTML 1Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 2Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 3Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 4Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 5Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 6Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 7Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 8Page - ON Semiconductor KAF-50100-AAA-JD-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
KAF−50100
www.onsemi.com
3
DEVICE DESCRIPTION
Architecture
Figure 2. Block Diagram
29 Dark Pixels
28
26
1 Test Row
4
4
4088
VOUT
LA
VSUB
OG
L
H1L
L
RG
L
RD
L
V1
V2
FDG
PFG
16
VDD
LA
VSS
L
4 Blue + 12 Buffer Pixels
16
16
16
28
H1A
R
LOD
4
4
28
4088
4
1
4
10
1
16
4
1
4
10 1
4088
16
28
4088
4
1
4
10
1
16
4
1
4
10 1
VOUT
LB
VDD
LB
VOUT
RA
OG
R
H1L
R
RG
R
RD
R
VDD
RA
VSS
R
VOUT
RB
VDD
RB
H2
R
H1B
R
H1A
L
H1B
L
H2
L
(Last VCCD Phase = V2)
VSUB
V1
V2
FDG
PFG
LOD
XG
KAF−50100
8176 (H)
× 6132 (V)
6.0
× 6.0 mm Pixels
28
28
4152 Pixels/Line/Output
NOTE: Showing the filter pattern of the color version.
Dark Reference Pixels
Surrounding the periphery of the device is a border of light
shielded pixels creating a dark region. Within this dark
region are light shielded pixels that include 28 leading dark
pixels on every line. There are also 29 full dark lines at the
start and 26 full dark lines at the end of every frame. Under
normal circumstances, these pixels do not respond to light
and may be used as a dark reference.
Dummy Pixels
Within each horizontal shift register there are 20 leading
pixels. These are designated as dummy pixels and should not
be used to determine a dark reference level.
Active Buffer Pixels
Forming the outer boundary of the effective active pixel
region, there are 16 unshielded active buffer pixels between
the photoactive area and the dark reference. These pixels are
light sensitive but they are not tested for defects and
non-uniformities. For the leading 16 active column pixels,
the first 4 pixels are covered with blue pigment while the
remaining are arranged in a Bayer pattern (R, GR, GB, B).
The filter description is for the color version only. No filter
pattern is provided for the monochrome version.
CTE Monitor Pixels
Two CTE test columns, at the leading end of each output,
and one CTE test row are included for manufacturing test
purposes. The filter description is for the color version only.
No filter pattern is provided for the monochrome version.
Image Acquisition
An electronic representation of an image is formed when
incident photons falling on the sensor plane create
electron-hole pairs (charge) within the device. These
photon-induced electrons are collected locally by the
formation of potential wells at each pixel site. The number
of electrons collected is linearly dependent on light level and
exposure time and non-linearly dependent on wavelength.
When the pixel’s capacity is reached, excess electrons are
discharged into the lateral overflow drain (LOD) to prevent
crosstalk or ‘blooming’. During the integration period,
the V1 and V2 register clocks are held at a constant (low)
level.


Similar Part No. - KAF-50100-AAA-JD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
KAF-0261 ONSEMI-KAF-0261 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-AE ONSEMI-KAF-0261-AAA-CD-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-BA ONSEMI-KAF-0261-AAA-CD-BA Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CP-AE ONSEMI-KAF-0261-AAA-CP-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - KAF-50100-AAA-JD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-40000 ONSEMI-KAF-40000 Datasheet
500Kb / 26P
   Frame CCD Image Sensor
September, 2015 ??Rev. 3
KAF-18500 ONSEMI-KAF-18500 Datasheet
571Kb / 20P
   Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16200 ONSEMI-KAF-16200 Datasheet
317Kb / 21P
   Frame CCD Image Sensor
October, 2015 ??Rev. 0
KAF-37500 ONSEMI-KAF-37500 Datasheet
310Kb / 24P
   Frame CCD Image Sensor
May, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com