Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25S81MC Datasheet(PDF) 11 Page - ON Semiconductor

Part # LE25S81MC
Description  8M-bit (1024K x 8) Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S81MC Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LE25S81MC Datasheet HTML 7Page - ON Semiconductor LE25S81MC Datasheet HTML 8Page - ON Semiconductor LE25S81MC Datasheet HTML 9Page - ON Semiconductor LE25S81MC Datasheet HTML 10Page - ON Semiconductor LE25S81MC Datasheet HTML 11Page - ON Semiconductor LE25S81MC Datasheet HTML 12Page - ON Semiconductor LE25S81MC Datasheet HTML 13Page - ON Semiconductor LE25S81MC Datasheet HTML 14Page - ON Semiconductor LE25S81MC Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LE25S81MC
No.A2287-11/23
3-2. Status register write
The information in status registers BP0, BP1, BP2, TB, CMP and SRWP can be rewritten using the status register write
command. RDY and WEN are read-only bits and cannot be rewritten. The information in bits BP0, BP1, BP2, TB,
CMP and SRWP is stored in the non-volatile memory, and when it is written in these bits, the contents are retained even
at power-down. "Figure 7 Status Register Write" shows the timing waveforms of status register write, and Figure 20
shows a status register write flowchart. Consisting of the first and second bus cycles, the status register write command
initiates the internal write operation at the rising CS edge after the data has been input following (01h). Erase and
program are performed automatically inside the device by status register write so that erasing or other processing is
unnecessary before executing the command. By the operation of this command, the information in bits BP0, BP1, BP2,
TB, CMP and SRWP can be rewritten. Since bits RDY (bit 0) and WEN (bit 1) of the status register cannot be written,
no problem will arise if an attempt is made to set them to any value when rewriting the status register. Status register
write ends can be detected by RDY of status register read. To initiate status register write, the logic level of the WP pin
must be set high and status register WEN must be set to "1".
Figure 7 Status Register Write
3-3. Contents of each status register
RDY (Bit0)
The RDY register is for detecting the write (program, erase and status register write) end. When it is "1", the device is in
a busy state, and when it is "0", it means that write is completed.
WEN (bit1)
The WEN register is for detecting whether the device can perform write operations. If it is set to "0", the device will not
perform the write operation even if the write command is input. If it is set to "1", the device can perform write
operations in any area that is not block-protected.
WEN can be controlled using the write enable and write disable commands. By inputting the write enable command
(06h), WEN can be set to "1"; by inputting the write disable command (04h), it can be set to "0." In the following states,
WEN is automatically set to "0" in order to protect against unintentional writing.
• At power-on
• Upon completion of small sector erase, sector erase or chip erase
• Upon completion of page program
• Upon completion of status register write
* If a write operation has not been performed inside the LE25S81MC because, for instance, the command input for any
of the write operations (small sector erase, sector erase, chip erase, page program, or status register write) has failed or
a write operation has been performed for a protected address, WEN will retain the status established prior to the issue
of the command concerned. Furthermore, its state will not be changed by a read operation.
tSRW
Self-timed
Write Cycle
SCK
SI
High Impedance
SO
CS
DATA
01h
15
0
1
2
3
4
5
6
7
8
Mode3
Mode0
8CLK
WP
tWPH
tWPS
MSB


Similar Part No. - LE25S81MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
LE25S81AFDTWG ONSEMI-LE25S81AFDTWG Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
LE25S81AMDTWG ONSEMI-LE25S81AMDTWG Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
LE25S81FDTWG ONSEMI-LE25S81FDTWG Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
LE25S81QETXG ONSEMI-LE25S81QETXG Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
More results

Similar Description - LE25S81MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
   8 Megabit (1024K x 8-bit) Flash Memory
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com