Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25S81QETXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # LE25S81QETXG
Description  8M-bit (1024K ??8) Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S81QETXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LE25S81QETXG Datasheet HTML 3Page - ON Semiconductor LE25S81QETXG Datasheet HTML 4Page - ON Semiconductor LE25S81QETXG Datasheet HTML 5Page - ON Semiconductor LE25S81QETXG Datasheet HTML 6Page - ON Semiconductor LE25S81QETXG Datasheet HTML 7Page - ON Semiconductor LE25S81QETXG Datasheet HTML 8Page - ON Semiconductor LE25S81QETXG Datasheet HTML 9Page - ON Semiconductor LE25S81QETXG Datasheet HTML 10Page - ON Semiconductor LE25S81QETXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LE25S81QE
No.A2269-7/23
Table 3 Memory Organization
8M Bit
sector (64KB)
small sector (4KB)
address space (A23 to A0)
15
255
0FF000h
0FFFFFh
to
240
0F0000h
0F0FFFh
14 to 6
239
0EF000h
0EFFFFh
To
96
060000h
060FFFh
5
95
05F000h
05FFFFh
to
80
050000h
050FFFh
4
79
04F000h
04FFFFh
to
64
040000h
040FFFh
3
63
03F000h
03FFFFh
to
48
030000h
030FFFh
2
47
02F000h
02FFFFh
to
32
020000h
020FFFh
1
31
01F000h
01FFFFh
to
16
010000h
010FFFh
0
15
00F000h
00FFFFh
to
2
002000h
002FFFh
1
001000h
001FFFh
0
000000h
000FFFh


Similar Part No. - LE25S81QETXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
LE25S81AFDTWG ONSEMI-LE25S81AFDTWG Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
LE25S81AMDTWG ONSEMI-LE25S81AMDTWG Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
LE25S81FDTWG ONSEMI-LE25S81FDTWG Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
LE25S81MC ONSEMI-LE25S81MC Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
More results

Similar Description - LE25S81QETXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com