Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2263 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ENA2263
Description  8M-bit (1024K ??8) Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2263 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ENA2263 Datasheet HTML 2Page - ON Semiconductor ENA2263 Datasheet HTML 3Page - ON Semiconductor ENA2263 Datasheet HTML 4Page - ON Semiconductor ENA2263 Datasheet HTML 5Page - ON Semiconductor ENA2263 Datasheet HTML 6Page - ON Semiconductor ENA2263 Datasheet HTML 7Page - ON Semiconductor ENA2263 Datasheet HTML 8Page - ON Semiconductor ENA2263 Datasheet HTML 9Page - ON Semiconductor ENA2263 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LE25U81AFD
No.A2263-6/23
Device Operation
The read, erase, program and other required functions of the device are executed through the command registers. The
serial I/O corrugate is shown in Figure 3 and the command list is shown in Table 2. At the falling CS edge the device is
selected, and serial input is enabled for the commands, addresses, etc. These inputs are normalized in 8 bit units and
taken into the device interior in synchronization with the rising edge of SCK, which causes the device to execute
operation according to the command that is input.
The LE25U81AFD supports both serial interface SPI mode 0 and SPI mode 3. At the falling CS edge, SPI mode 0 is
automatically selected if the logic level of SCK is low, and SPI mode 3 is automatically selected if the logic level of
SCK is high.
Figure 3 I/O waveforms
Table 2 Command Settings
Command
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Nth bus cycle
Read
03h
A23-A16
A15-A8
A7-A0
RD *1
RD *1
RD *1
High Speed Read
0Bh
A23-A16
A15-A8
A7-A0
X
RD *1
RD *1
Dual Output Read
3Bh
A23-A16
A15-A8
A7-A0
Z
RD *1
RD *1
Dual I/O Read
BBh
A23-A8
A7-A0, X, Z
RD *1
RD *1
RD *1
RD *1
Small sector erase
20h / D7h
A23-A16
A15-A8
A7-A0
Sector erase
D8h
A23-A16
A15-A8
A7-A0
Chip erase
60h / C7h
Page program
02h
A23-A16
A15-A8
A7-A0
PD *2
PD *2
PD *2
Write enable
06h
Write disable
04h
Power down
B9h
Status register read
05h
Status register write
01h
DATA
JEDEC ID read
9Fh
ID read
ABh
X
X
X
power down
B9h
Exit power down mode
ABh
Explanatory notes for Table 2
"X" signifies "don't care" (that is to say, any value may be input).
The "h" following each code indicates that the number given is in hexadecimal notation.
Addresses A23 to A20 for all commands are "Don't care".
*1: "RD" stands for read data. *2: "PD" stands for page program data.
CS
SCK
SO
SI
1st bus
8CLK
Mode0
Mode3
2nd bus
DATA
MSB
(Bit7)
DATA
LSB
(Bit0)


Similar Part No. - ENA2263

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
More results

Similar Description - ENA2263

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com