Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC877917A Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC877917A
Description  8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC877917A Datasheet(HTML) 4 Page - ON Semiconductor

  LC877917A Datasheet HTML 1Page - ON Semiconductor LC877917A Datasheet HTML 2Page - ON Semiconductor LC877917A Datasheet HTML 3Page - ON Semiconductor LC877917A Datasheet HTML 4Page - ON Semiconductor LC877917A Datasheet HTML 5Page - ON Semiconductor LC877917A Datasheet HTML 6Page - ON Semiconductor LC877917A Datasheet HTML 7Page - ON Semiconductor LC877917A Datasheet HTML 8Page - ON Semiconductor LC877917A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LC877917A
No.A1840-4/29
Interrupts: 21 sources, 10 vectors
(1) Three priority (Low, high and highest) multiple interrupts are supported. During interrupt handling, an equal or
lower priority interrupt request is postponed.
(2) If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence.
In the case of equal priority levels, the vector with the lowest address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L
4
0001BH
H or L
INT3/Base timer/RTC
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1-receive
8
0003BH
H or L
SIO1/UART-send
9
00043H
H or L
ADC/T6/T7/SPI
10
0004BH
H or L
Port 0/T4/T5
• Priority levels X > H > L
• For equal priority levels, vector with lowest address takes precedence
Subroutine Stack Levels: 256 levels max. Stack is located in RAM.
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• On-chip fast RC oscillation (Typical: 500kHz) for system clock use.
• On-chip slow RC oscillation (Typical: 50kHz) for system clock use.
• CF oscillation (4MHz) for system clock use. (Rf built in, Rd external)
• Crystal oscillation (32.768kHz) low speed system clock use. (Rf built in)
• Frequency variable RC oscillation circuit (internal): For system clock.
(1) Adjustable in ±4% (typ.) step from a selected center frequency.
(2) Measures oscillation clock using a input signal from XT1 as a reference.
System Clock Divider
• Low power consumption operation is available.
• Minimum instruction cycle time (750ns, 1.5μs, 3.0μs, 6.0μs, 12μs, 24μs, 48μs, 96μs, 192μs can be switched by
program. (when using 4MHz main clock)
System Clock Output
• The system clock output can transmitted from P04.


Similar Part No. - LC877917A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877917A SANYO-LC877917A Datasheet
183Kb / 29P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC877917A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com