Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F0A08A Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC87F0A08A
Description  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0A08A Datasheet(HTML) 5 Page - ON Semiconductor

  LC87F0A08A Datasheet HTML 1Page - ON Semiconductor LC87F0A08A Datasheet HTML 2Page - ON Semiconductor LC87F0A08A Datasheet HTML 3Page - ON Semiconductor LC87F0A08A Datasheet HTML 4Page - ON Semiconductor LC87F0A08A Datasheet HTML 5Page - ON Semiconductor LC87F0A08A Datasheet HTML 6Page - ON Semiconductor LC87F0A08A Datasheet HTML 7Page - ON Semiconductor LC87F0A08A Datasheet HTML 8Page - ON Semiconductor LC87F0A08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LC87F0A08A
No.A1535-5/24
Development Tools
 On-chip debugger: TCB87 type B + LC87F0A08A or TCB87 Type C (3-wire interface cable) + LC87F0A08A
Programming Board
Package
Programming board
QFP36(7
7)
W87F0AQ
Flash ROM Programmer
Vendor
Model
Supported version
Device
Flash Support Group, Inc.
(FSG)
Single
AF9709/AF9709B/AF9709C
(Including Ando Electric Co., Ltd. models)
Rev .02. xx or later
LC87F0A08A
Gang
AF9723/AF9723B(Main body)
(Including Ando Electric Co., Ltd. models)
-
-
AF9833(Unit)
(Including Ando Electric Co., Ltd. models)
-
-
Flash Support Group, Inc.
+
Our company
(Note 1)
Onboard
Single/Gang
AF9101/AF9103(Main body)
(FSG)
(Note 2)
LC87F0A08A
SIB87(Interface Driver)
(Our company model)
Our company
Single/Gang
SKK/SKK Type B
(SANYO FWS)
Application Version
1.16 or later
Chip Data Version
2.13 or later
LC87F0A08A
Onboard
Single/Gang
SKK-DBG Type B
(SANYO FWS)
Note1: PC-less standalone onboard programming is possible using the FSG onboard programmer (AF9101/AF9103)
and the serial interface driver (SIB87) provided by Our company in pair.
Note2: Dedicated programming device and program are required depending on the programming conditions.
Contact Our company or FSG if you have any questions or difficulties regarding this matter.
Package Dimensions
unit : mm (typ)
3162C
0.3
0.65
(0.9)
SANYO : QFP36(7X7)
19
10
18
19
27
28
36
9.0
7.0
0.15


Similar Part No. - LC87F0A08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F0A08A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com