Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1220A Datasheet(PDF) 7 Page - ON Semiconductor

Part # ENA1220A
Description  8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1220A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ENA1220A Datasheet HTML 3Page - ON Semiconductor ENA1220A Datasheet HTML 4Page - ON Semiconductor ENA1220A Datasheet HTML 5Page - ON Semiconductor ENA1220A Datasheet HTML 6Page - ON Semiconductor ENA1220A Datasheet HTML 7Page - ON Semiconductor ENA1220A Datasheet HTML 8Page - ON Semiconductor ENA1220A Datasheet HTML 9Page - ON Semiconductor ENA1220A Datasheet HTML 10Page - ON Semiconductor ENA1220A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LC87F1D64A
No.A1220-7/29
SQFP48
NAME
SQFP48
NAME
1
P73/INT3/T0IN/RMIN
25
P04/AN4
2
RES
26
P05/AN5/CKO
3
XT1/AN10
27
P06/AN6/T6O
4
XT2/AN11
28
P07/AN7/T7O
5
VSS1
29
P20/INT4/UTX1
6
CF1
30
P21/INT4/URX1
7
CF2
31
P22/INT4/SO4/RD
8
VDD1
32
P23/INT4/SI4/WR
9
P10/SO0
33
P24/INT5/SCK4
10
P11/SI0/SB0
34
P25/INT5/UTX2
11
P12/SCK0
35
P26/INT5/URX2
12
P13/SO1
36
P27/INT5/DPUP2
13
P14/SI1/SB1
37
D-
14
P15/SCK1
38
D+
15
P16/T1PWML
39
VDD3
16
P17/T1PWMH/BUZ
40
VSS3
17
PWM1
41
P34/UFILT
18
PWM0
42
P33
19
VDD2
43
P32/DBGP2
20
VSS2
44
P31/DBGP1
21
P00/AN0
45
P30/DBGP0
22
P01/AN1
46
P70/INT0/T0LCP/AN8/DPUP
23
P02/AN2
47
P71/INT1/T0HCP/AN9
24
P03/AN3
48
P72/INT2/T0IN


Similar Part No. - ENA1220A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1220 SANYO-ENA1220 Datasheet
197Kb / 29P
   CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
More results

Similar Description - ENA1220A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com