Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384-00 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8384-00
Description  5A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384-00 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8384-00 Datasheet HTML 1Page - Microsemi Corporation LX8384-00 Datasheet HTML 2Page - Microsemi Corporation LX8384-00 Datasheet HTML 3Page - Microsemi Corporation LX8384-00 Datasheet HTML 4Page - Microsemi Corporation LX8384-00 Datasheet HTML 5Page - Microsemi Corporation LX8384-00 Datasheet HTML 6Page - Microsemi Corporation LX8384-00 Datasheet HTML 7Page - Microsemi Corporation LX8384-00 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8384-xx/8384A-xx/8384B-xx
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1997
Rev. 1.9
12/97
P RODUCTION
D ATA
S HEET
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for the LX8384-xxC/8384A-xxC/8384B-xxC with
0°C
≤ T
A ≤ 125°C, and the LX8384-xxI with -25°C ≤ TA ≤ 125°C; VIN - VOUT = 3V; IOUT = 5A.
Low duty cycle pulse testing techniques are used which
maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX8384/84A/84B-00
Min.
Typ.
Max.
Reference Voltage
LX8384/84A-00
V
REF
I
OUT = 10mA,
T
A = 25°C
(Note 4)
10mA
≤ I
OUT ≤ 5A, 1.5V ≤ (VIN - VOUT), VIN ≤ 10V, P ≤ PMAX
LX8384B-00
I
OUT = 10mA,
T
A = 25°C
10mA
≤ I
OUT ≤ 5A, 1.5V ≤ (VIN - VOUT), VIN ≤ 10V, P ≤ PMAX
Line Regulation (Note 2)
∆V
REF
1.3V
≤ (V
IN - V OUT), VIN ≤ 7V, IOUT = 10mA
(V
IN )
1.3V
≤ (V
IN - VOUT ), VIN ≤ 10V, IOUT = 10mA
Load Regulation (Note 2)
∆V
REF (IOUT)
V
OUT ≥ V REF, VIN - VOUT = 3V, 10mA ≤ IOUT ≤ 5A
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
V
OUT =
5V, f =120Hz, C
OUT = 100µf
Tantalum, V
IN = 6.5V
C
ADJ = 10µF, I OUT = 5A
Adjust Pin Current
I
ADJ
Adjust Pin Current Change (Note 4)
∆I
ADJ
10mA
≤ I
OUT ≤ IOUT (MAX) , 1.3V ≤ (VIN - VOUT), VIN ≤ 10V
Dropout Voltage
LX8384-00
∆V
∆V
REF = 1%, IOUT = 5A
LX8384A/84B-00
∆V
REF = 1%, IOUT = 5A
Minimum Load Current
I
OUT (MIN)
V
IN ≤ 10V
Maximum Output Current
I
OUT (MAX)
(V
IN - VOUT) ≤ 7V
(V
IN - VOUT) ≤ 10V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
1.238
1.250
1.262
V
1.225
1.250
1.270
V
1.240
1.250
1.260
V
1.238
1.250
1.262
V
0.015
0.2
%
0.035
0.3
%
0.15
0.5
%
0.01
0.02
%/W
65
83
dB
20
55
100
µA
0.2
5
µA
1.2
1.5
V
1.1
1.3
V
210
mA
56
A
34
A
0.25
%
0.3
1
%
0.003
%
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3. These parameters, although guaranteed, are not tested in production.
Note 4. See Maximum Output Current Section above.
Parameter
Symbol
Test Conditions
Units
LX8384/84A/84B-15
Min.
Typ.
Max.
Output Voltage
LX8384/84A-15
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
(Note 4)
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 5A, P ≤ PMAX
LX8384B-15
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 5A, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 0mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 5A
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8384-15
∆V
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
LX8384A/84B-15
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
Maximum Output Current
I
OUT (MAX)
V
IN ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
1.485
1.50
1.515
V
1.470
1.50
1.530
V
1.488
1.50
1.512
V
1.485
1.50
1.515
V
13
mV
15
mV
2.5
7
mV
0.01
0.02
% / W
60
83
dB
410
mA
1.2
1.5
V
1
1.3
V
56
A
0.25
%
0.3
1
%
0.003
%
LX8384-00 / 8384A-00 / 8384B-00 (Adjustable)
LX8384-15 / 8384A-15 / 8384B-15 (1.5V Fixed)


Similar Part No. - LX8384-00

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384-00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com