Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMB-A180 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IMB-A180
Description  AMD Embedded G-Series SOC processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMB-A180 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IMB-A180 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMB-A180 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
Mini-ITX Motherboard
IMB-A180
Processor System
Dimension
CPU
Core Number
Max Speed
L3 Cache
Chipset
BIOS
Mini-ITX (6.7-in x 6.7-in)
AMD-- Embedded G-Series SOC processor(s)
GX-420CA: 25W 4Core (2.0G Hz)
GX-415GA: 15W 4Core (1.5G Hz)
GX-210HA: 9W 2Core (1.0G Hz)
by SOC
by SOC
by SOC
SOC
UEFI
Expansion Slot
PCI
Mini-PCIe
mSATA
PCIe
CFast Card Socket
NA
1 ( half size)
1
1 (x4) Gen2
no
Memory
Technology
Max.
Socket
Single Channel Up to DDR3 1600 MHz (GX-420CA / GX-415GA)
Single Channel Up to DDR3 1333MHz (GX-210HA)
16 GB
2 x So-DIMM
Ethernet
Interface
Controller
Connector
10/100/1000 Mbps
1 x Realtek RTL8111E,
1 x Realtek RTL8111DP to support Dash Function
2 x RJ-45
SATA
Max Data Transfer Rate SATA3 (6.0Gb/S)
Rear I/O
VGA
HDMI
DVI-I/D
Display Port
Ethernet
USB
Audio
Serial
PS/2
1
1
0
0
2
6 (4 x USB 2.0 compliant, 2 x USB 3.0 compliant)
2 (Mic-in, Line-out)
2 (RS232/422/485)
1 (Combo)
Internal Connector
USB
LVDS/Inverter
VGA
Serial
SATA
m-SATA
Mini-PCIe
Parallel
IrDA
GPIO
SATA PWR Output Con
Speaker Header
2 x USB2.0 port (by Header), 1 x USB Type A Con
YES (option)
0
4 x RS232 and 4x (1x3) Header to offer PWR select for
2 rear and 2 internal
1 x SATA3, 1 x m-SATA
1
1 (half size)
1
0
4 x GPI + 4 x GPO
0
1
Specifications
Watchdog Timer
Output
Interval
Output from super I/O to drag RESETCON#
256 Segments, 0,1,2…255 Sec/Min
Power Requirements
Input PWR
Power On
20-pin ATX PWR con
AT/ATX Supported
AT : Directly PWR on as power input ready
ATX : Press button to PWR on after power input ready
Environment
Operating Temperature 0ºC – 60ºC
AMD Embedded G-Series SOC processor(s)
Supports DDR31600MHz (GX-420CA/GX-415GA), DDR3 1333MHz (GX-210HA)
1 x VGA, 1 x HDMI
24 bit dual channel LVDS
6 x COM ports, 6 x USB 2.0, 2 x USB 3.0
1 x PCIex4, 1x SATA 3.0, 1 x mSATA
Dual Gbe LAN: 1 x Realtek RTL8111E, 1 x Realtek RTL8111DP to
 
support Dash Function
1 x TPM header
Spotlight Features
Graphics
Controller
VRAM
VGA
LVDS
HDMI
DVI
Display Port
Multi Display
by SOC
Shared Memory
1
24-bit dual channel LVDS
1
No
No
YES (Dual display)


Similar Part No. - IMB-A180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
   AMD Embedded G-Series SOC processor
More results

Similar Description - IMB-A180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
   AMD Embedded G-Series SOC processor
logo
DFI Inc
GM330-BFF DFI-GM330-BFF Datasheet
832Kb / 4P
   AMD Embedded G-Series Processor Gaming Embedded System
KB968 DFI-KB968 Datasheet
1Mb / 2P
   AMD Embedded G-Series SoC COM Express Compact
OT951 DFI-OT951 Datasheet
1,007Kb / 2P
   AMD Embedded G-Series 3.5
logo
Advanced Micro Devices
AMDI-S-A0002301461-1 AMD-AMDI-S-A0002301461-1 Datasheet
345Kb / 3P
   1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
AMD-K6-2E AMD-AMD-K6-2E Datasheet
5Mb / 332P
   AMD-K6??2E Embedded Processor
logo
Axiomtek Co., Ltd.
PICO121 AXIOMTEK-PICO121_17 Datasheet
370Kb / 1P
   Pico ITX SBC with AMD Embedded G-Series SoC, VGA/LVDS, LAN and Audio
logo
DFI Inc
OT905-B DFI-OT905-B Datasheet
1Mb / 2P
   AMD Embedded G-Series COM Express Compact
logo
Advantech Co., Ltd.
SOM-4466L-M0A1E ADVANTECH-SOM-4466L-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466 Datasheet
1Mb / 2P
   AMD G-Series Processor ETX CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com