Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX6431A Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX6431A
Description  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431A Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX6431A Datasheet HTML 2Page - Microsemi Corporation LX6431A Datasheet HTML 3Page - Microsemi Corporation LX6431A Datasheet HTML 4Page - Microsemi Corporation LX6431A Datasheet HTML 5Page - Microsemi Corporation LX6431A Datasheet HTML 6Page - Microsemi Corporation LX6431A Datasheet HTML 7Page - Microsemi Corporation LX6431A Datasheet HTML 8Page - Microsemi Corporation LX6431A Datasheet HTML 9Page - Microsemi Corporation LX6431A Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.4
6/99
6
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES
FIGURE 6. — EQUIVALENT INPUT NOISE VOLTAGE
vs. FREQUENCY
FIGURE 5. — RATIO OF DELTA REFERENCE VOLTAGE TO DELTA
CATHODE VOLTAGE vs. FREE-AIR TEMPERATURE
120
100
(f) Frequency - (Hz)
260
140
10
100
1k
10k
100k
200
220
160
180
240
I
O = 10mA
T
A = 25°C
-0.4
-0.6
(T
A)
Ambient Temperature - (°C)
0
-0.3
-50
-25
0
25
50
75
100
125
V
KA = 3V to 36V
-0.5
-0.2
-0.1


Similar Part No. - LX6431A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM-TR MICROSEMI-LX6431ACDM-TR Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACLP MICROSEMI-LX6431ACLP Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACLP-TR MICROSEMI-LX6431ACLP-TR Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACPK MICROSEMI-LX6431ACPK Datasheet
405Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX6431A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com