Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT26A-B8812 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GT26A-B8812
Description  1U QUAD SOCKET PLATFORM FOR HIGH-DENSITY HPC APPLICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GT26A-B8812 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GT26A-B8812 Datasheet HTML 1Page - List of Unclassifed Manufacturers GT26A-B8812 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
GT26A-B8812
B8812G26AW4H
(Specifications are subject to change without notice. Items pictured may only be representative.)
ERP1U 1200W
(@220Vac)
PSU 80+ Platinum,
Front-serviced
(4) hot-swap 2.5” HDDs
(6) high-performance
4056 axial fans
Front Panel Board
M1008 (R04)
SAS/SATA 6G Backplane
(M1259G26A-BP6-4)
PCI-E Gen.2 x16 (M2091)
S8812WGM3NR
(4) G34, (32) DIMMs
SR5690 + SP5100
LSI SAS2008 IOC
(3) GbE LOM
1U Rackmount
GT26A
27.87" x 17.2" x 1.72" (708 x 436 x 43.6mm)
S8812WGM3NR
17 kg
(1) RST / (1) NMI / (1) ID / (1) PWR w/ LED
(1) HDD / (1) ID / (1) Warning / (3) LAN
(2) USB ports
2.5" Hot-Swap / (4)
SAS / SATA 6.0Gb/s
System Cooling
Configuration
(6) 4cm f ans
EPS1U
100-127V /8A
200-240V/ 4A
1200 Watts
80 plus Platinum
AMD 32nm 8-Core/12-Core/16-Core OpteronTM
6300 Series Processors (Abu Dhabi)
G34 / (4)
Up to 115W CPU at 35° C
Up to 140W CPU at 30° C
AMD (2)SR5690 + SP5100
-
(8)+(8)+(8)+(8) DIMM slots
R-DDR3 ECC 1600/1333/1066 memory
Up to 512GB
4 Channels per CPU
(1) PCI-E x16 slot
M2091, PCI-E x16 1U riser card (lef t)
(3) GbE ports (1 port shared with IPMI)
Intel® 82576EB + Intel® 82574L
Connector
(4) SAS
Controller
LSI SAS2008
Speed
6.0 Gb/s
RAID
RAID 0/1/1E/10 (LSI Integrated RAID)
Efficiency
PCI-E
Processor
Supported CPU
Series
Socket Type / Q'ty
LAN
Port Q'ty
Controller
Output Watts
Gross Weight
System
Buttons
FAN
Power Supply
Type
Input Range
LEDs
I/O Ports
Front Panel
HDD backplane
support Interface
Type / Q'ty
Motherboard
External
Drive Bay
Form Factor
Chassis Name
Dimension (H x W x D)
Average CPU Power
(ACP) wattage
Chipset
Super I/O
Chipset
Expansion
Slots
Storage
Memory
Pre-install TYAN
Riser Card
Supported DIMM
Qty
DIMM Type / Speed
Capacity
Memory channel
SAS
D-Sub 15-pin
Aspeed AST2050
(4) ports (2 at f ront, 2 at rear)
(1) port (rear)
(1) PS/2 connector (f or Key board and Mouse)
(1) D-Sub 15-pin port (rear)
(3) ports
Winbond W83795G
Monitors v oltage f or CPU, memory , chipset &
power supply
Monitors temperature f or CPU & sy stem
env ironment
Fan f ail LED indicator / Ov er temperature
warning indicator / Fan & PSU f ail LED indicator
Chassis intrusion detection
Watchdog timer support
Onboard Aspeed AST2050
IPMI 2.0 compliant baseboard management
controller (BMC) / Supports storage ov er IP and
remote platf orm-f lash / USB 2.0 v irtual hub
24-bit high quality v ideo compression / Dual
10/100 Mb/s MAC interf aces
AMI / 4MB
Plug and Play (PnP) /PCI2.3 /Wf M2.0
/SMBIOS2.3 /PXE boot / ACPI 2.0 power
management /Power on mode af ter power
recov ery / User-conf igurable H/W monitoring /
Auto-conf igurable of hard disk ty pes
Operating
System
Please ref er to our AMD OS supported list
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
USB
Regulation
FCC (DoC)
CE (DoC)
Others
COM
Temperature
Operating
Environment
Operating Temp.
Non-operating
Temp.
In/Non-operating
Humidity
RoHS 6/6
Complaint
VGA
Chipset
Graphic
Connector type
System
Monitoring
Chipset
OS supported list
PS/2
Server
Management
Onboard Chipset
AST2050 IPMI
Feature
AST2050 iKVM
Feature
RJ-45
Brand / ROM size
BIOS
Feature
LED (On system
front panel)
Voltage
Input /Output


Similar Part No. - GT26A-B8812

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GT2602 GTM-GT2602 Datasheet
350Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2602 ETL-GT2602 Datasheet
354Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
GT2603 GTM-GT2603 Datasheet
355Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2603 ETL-GT2603 Datasheet
360Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
GT2604 GTM-GT2604 Datasheet
353Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GT26A-B8812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8238 ETC2-S8238 Datasheet
698Kb / 2P
   High-density dual-socket server platform for HPC application
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
S8812 ETC2-S8812 Datasheet
753Kb / 2P
   High-performance quad-socket server platform for enterprise & HPC applications
S8225 ETC2-S8225 Datasheet
702Kb / 2P
   High-End Dual-socket workstation platform for HPC
S8232 ETC2-S8232 Datasheet
876Kb / 2P
   High-End Dual-socket server platform for HPC
S7017 ETC2-S7017 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
GN70-B7056 ETC2-GN70-B7056 Datasheet
837Kb / 2P
   High-end dual-socket server platform for HPC and enterprice virtualization applications
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
S7012 ETC2-S7012 Datasheet
1,022Kb / 2P
   High-end dual-socket server platform for HPC and server virtualization applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com