Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91113 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE91113
Description  Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91113 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91113 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91113 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91113 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE91113 REV 1.0
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
PE91113 CAD Drawing


Similar Part No. - PE91113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
   N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
   Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
   Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
   Maximum Insertion Loss
PE91114 PASTERNACK-PE91114 Datasheet
358Kb / 4P
   Push-On N Male to N Female Adapter
More results

Similar Description - PE91113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Adapter
logo
Amphenol SV Microwave
1115-6128 SVMICROWAVE-1115-6128 Datasheet
589Kb / 1P
   2.92mm FEMALE TO 2.92mm FEMALE STRAIGHT 2 HOLE FLANGE ADAPTER
05/21
logo
Pasternack Enterprises,...
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9648 PASTERNACK-PE9648 Datasheet
248Kb / 3P
   Precision 4 Hole Flange 2.92mm Female
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
logo
Amphenol SV Microwave
1116-6092 SVMICROWAVE-1116-6092 Datasheet
603Kb / 1P
   2.4mm FEMALE TO 2.92mm FEMALE 2 HOLE FLANGE ADAPTER
04/21
logo
Pasternack Enterprises,...
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
   Precision 2.92mm Female to N Female Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
   Precision SMA Female to 2.92mm Female Adapter
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
   Precision 3.5mm Female to 2.92mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com