Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5111A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX5111A
Description  ULT RA 9 - CHANNEL SCSI TERMINATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5111A Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5111A Datasheet HTML 1Page - Microsemi Corporation LX5111A Datasheet HTML 2Page - Microsemi Corporation LX5111A Datasheet HTML 3Page - Microsemi Corporation LX5111A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5111A/5112A
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 0.1
3/99
4
P RELIMINAR Y D AT A S HEET
UltraMAX
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
TERM POWER
CURRENT
BIASING
CIRCUIT
1.4V
DISCONNECT (5111)
DISCONNECT (5112)
24mA CURRENT
LIMITING CIRCUIT
DATA OUTPUT
PIN DB(0)
2.85V
1 OF 9 CHANNELS
Cable transmission theory suggests to optimize signal speed
and quality, the termination should act both as an ideal voltage
reference when the line is released (deasserted) and as an ideal
current source when the line is active (asserted).
Common
active terminators, which consist of Linear Regulators in series
with resistors (typically 110
Ω), are
a compromise. As the line voltage
increases, the amount of current
decreases linearly by the equation
V = I * R. The LX5111A/5112A, with
their unique new architecture ap-
plies the maximum amount of
current regardless of line voltage
until the termination high threshold
(2.85V) is reached.
Acting as a near ideal line terminators, the LX5111A/5112A
closely reproduce the optimum case when the devices are
enabled.
To enable the device the DISCONNECT pin
(DISCONNECT pin for the LX5112A) must be pulled logic High
(logic Low for the LX5112A). During this mode of operation,
quiescent current is 6mA and the devices will respond to line
demands by delivering 24mA on assertion, and by imposing
2.85V on deassertion.
In order to disable the device, the
DISCONNECT pin (DISCONNECT pin for the LX5112A) must
be driven logic Low (logic High for the LX5112A). This mode
of operation places the devices in a sleep state where a meager
275µA of quiescent current is con-
sumed. Additionally, all outputs are
in a Hi-Z (impedance) state. Sleep
mode can be used for power con-
servation or to completely eliminate
the terminator from the SCSI chain.
In the second case, termination
node capacitance is important to
consider. The terminators will ap-
pear as a parasitic distributed capaci-
tance on the line, which can detract from bus performance. For
this reason, the LX5111A/5112A have been optimized to have
only 3pF of capacitance per output in the sleep state.
An additional feature of the LX5111A/5112A IC's are their
compatibility with active negation drivers.
UltraMAX is a trademark of Linfinity Microelectronics Inc.
Outputs
Quiescent
Current
H
L
Enabled
6mA
L
H
HI Z
275µA
Open
Open
HI Z
275µA
LX5111A
LX5112A
DISCONNECT
DISCONNECT
POWER UP / POWER DOWN FUNCTION TABLE
PRELIMINARY DATA - Information contained in this document is pre-production data, and is proprietary to LinFinity. It may
not modified in any way without the express written consent of LinFinity. Product referred to herein is offered in sample form
only, and Linfinity reserves the right to change or discontinue this proposed product at any time.


Similar Part No. - LX5111A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5111 MICROSEMI-LX5111 Datasheet
146Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5111CDP MICROSEMI-LX5111CDP Datasheet
146Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5111CPWP MICROSEMI-LX5111CPWP Datasheet
146Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
More results

Similar Description - LX5111A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5115 MICROSEMI-LX5115 Datasheet
145Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5219 MICROSEMI-LX5219 Datasheet
245Kb / 12P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5115A MICROSEMI-LX5115A Datasheet
150Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5111 MICROSEMI-LX5111 Datasheet
146Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com