Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1664ACN Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1664ACN
Description  DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1664ACN Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1664ACN Datasheet HTML 1Page - Microsemi Corporation LX1664ACN Datasheet HTML 2Page - Microsemi Corporation LX1664ACN Datasheet HTML 3Page - Microsemi Corporation LX1664ACN Datasheet HTML 4Page - Microsemi Corporation LX1664ACN Datasheet HTML 5Page - Microsemi Corporation LX1664ACN Datasheet HTML 6Page - Microsemi Corporation LX1664ACN Datasheet HTML 7Page - Microsemi Corporation LX1664ACN Datasheet HTML 8Page - Microsemi Corporation LX1664ACN Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
LX1664/1664A, LX1665/65A
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.2 11/99
P RODUCTION D ATA S HEET
CHARACTERISTICS CUR VES
70
75
80
85
90
95
12
34
56
7
8
9
10
11
12
13
14
IOUT (A)
EFFICIENCY AT 3.1V
EFFICIENCY AT 2.8V
EFFICIENCY AT 1.8V
Output Set Point
70
75
80
85
90
95
100
1234
567
89
10
11
12
13
14
IOUT (A)
EFFICIENCY AT 3.1V
EFFICIENCY AT 2.8V
EFFICIENCY AT 1.8V
Output Set Point
FIGURE 2 — Efficiency Test Results:
Non-Synchronous Operation, V
IN = 5V
FIGURE 3 — Efficiency Test Results:
Synchronous Operation, V
IN = 5V
FIGURE 4 — Efficiency Test Results: Synchronous Operation, V
IN = 12V.
Note: Non-synchronous operation not recommended for 12V operation, due to power loss in Schottky diode.
60
65
70
75
80
85
90
12
34
56
78
9
10
11
12
13
14
IOUT (A)
1.8V EFFICIENCY
2.8V EFFICIENCY
3.3V EFFICIENCY
Output Set Point


Similar Part No. - LX1664ACN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
LX1661 MICROSEMI-LX1661 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662A MICROSEMI-LX1662A Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662ACD MICROSEMI-LX1662ACD Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
More results

Similar Description - LX1664ACN

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Microsemi Corporation
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Linear Technology
LTC1426 LINER-LTC1426 Datasheet
222Kb / 8P
   Micropower Dual 6-Bit PWM DAC
LTC1426 LINER-LTC1426_15 Datasheet
209Kb / 8P
   Micropower Dual 6-Bit PWM DAC
logo
Analog Devices
LTC1426 AD-LTC1426 Datasheet
154Kb / 12P
   Micropower Dual 6-Bit PWM DAC
logo
Analog Intergrations Co...
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com