Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBRH3060CT Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SMBRH3060CT
Description  Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBRH3060CT Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SMBRH3060CT_15 Datasheet HTML 1Page - GOOD-ARK Electronics SMBRH3060CT_15 Datasheet HTML 2Page - GOOD-ARK Electronics SMBRH3060CT_15 Datasheet HTML 3Page - GOOD-ARK Electronics SMBRH3060CT_15 Datasheet HTML 4Page - GOOD-ARK Electronics SMBRH3060CT_15 Datasheet HTML 5Page - GOOD-ARK Electronics SMBRH3060CT_15 Datasheet HTML 6Page - GOOD-ARK Electronics SMBRH3060CT_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
苏州固锝电子股份有限公司
1 / 7
Product Specification
GOODARK Type
SMBRH3060CT /SMBRFH3060CT
CONTENTS
1.
Package Outline
2.
Marking
3.
Features& Mechanical Characteristics
4.
Maximum Ratings and Electrical Characteristics
5.
Rating and characteristic Curves
6.
Packing Specification PACKAGING SPECIFICATION
7.
Description of Box Label
Construction : Schottky Barrier Rectifier
Application
: For General Purpose
Manufacturer):
Suzhou Goodark Electronics Co.,Ltd
Prepared on April. 17
th, 2012
Prepared: R & D Department
Approval:QRA Deparment
SCHOTTKY BARRIER RECTIFIER
30 AMPERES
60 VOLTS
Low Vf <0.60V(15A)


Similar Part No. - SMBRH3060CT_15

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SMBR001D00 JAE-SMBR001D00 Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
SMBR001D00 JAE-SMBR001D00 Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
List of Unclassifed Man...
SMBR003D00 ETC1-SMBR003D00 Datasheet
170Kb / 4P
   SMT Type SMB Connector
logo
Japan Aviation Electron...
SMBR003D00 JAE-SMBR003D00 Datasheet
173Kb / 4P
   Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
logo
List of Unclassifed Man...
SMBR004D00 ETC1-SMBR004D00 Datasheet
170Kb / 4P
   SMT Type SMB Connector
More results

Similar Description - SMBRH3060CT_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com