Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF1221J2 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF1221J2
Description  12V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF1221J2 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF1221J2_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF1221J2_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF1221J2_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF1221J2_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF1221J2_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF1221J2
12V P-Channel MOSFET
www.goodark.com
Page 2 of 5
Rev.1.1
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-12
V
VGS = 0V, ID = 250μA
14.4
16
VGS =-4.5V, ID =-10A
18.9
21
VGS =-2.5V, ID =-8.9A
RDS(on)
Static Drain-to-Source on-resistance
26.4
38
VGS =-1.8V, ID =-4.5A
VGS(th)
Gate threshold voltage
-0.4
-1
V
VDS = VGS, ID = 250μA
IDSS
Drain-to-Source leakage current
-1
μA
VDS = -12V,VGS = 0V
100
VGS = 8V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -8V
gFS
Forward Transconductance
-3
S
VDS = -5V, ID =-10A
Qg
Total gate charge
21
Qgs
Gate-to-Source charge
2.5
Qgd
Gate-to-Drain("Miller") charge
6
nC
ID = -10A,
VDD=-6V,
VGS = -4.5V
td(on)
Turn-on delay time
30
tr
Rise time
48
td(off)
Turn-Off delay time
97
tf
Fall time
65
ns
VGS=-4.5V,
VDD=-6V,
ID = -10A,
RGEN=6Ω
Ciss
Input capacitance
2138
Coss
Output capacitance
685
Crss
Reverse transfer capacitance
650
pF
VGS = 0V
VDS = -6V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
-12
A
ISM
Pulsed Source Current
(Body Diode)
-28
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
-0.77
-1.2
V
IS=-2A, VGS=0V
trr
Reverse Recovery Time
16
ns
Qrr
Reverse Recovery Charge
5.9
uC
TJ = 25°C, IF =-10A,
di/dt = 100A/μs


Similar Part No. - SSF1221J2_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1221J2 SILIKRON-SSF1221J2 Datasheet
393Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF1221J2 GOOD-ARK-SSF1221J2 Datasheet
427Kb / 5P
   12V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF1221J2 VBSEMI-SSF1221J2 Datasheet
2Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - SSF1221J2_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2411 AOSMD-AON2411 Datasheet
259Kb / 5P
   12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4453 WHXPCB-AO4453 Datasheet
2Mb / 6P
   12V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1221J2 GOOD-ARK-SSF1221J2 Datasheet
427Kb / 5P
   12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4437 WHXPCB-AO4437 Datasheet
1Mb / 4P
   12V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
   12V P-Channel MOSFET
AO4437 AOSMD-AO4437_10 Datasheet
170Kb / 4P
   12V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRLML6401TRPBF TECHPUBLIC-IRLML6401TRPBF Datasheet
984Kb / 3P
   -12V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4453 AOSMD-AO4453 Datasheet
344Kb / 6P
   12V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com