Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1562 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1562
Description  SECOND-GENERATION POWER FACTOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1562 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1562 Datasheet HTML 5Page - Microsemi Corporation LX1562 Datasheet HTML 6Page - Microsemi Corporation LX1562 Datasheet HTML 7Page - Microsemi Corporation LX1562 Datasheet HTML 8Page - Microsemi Corporation LX1562 Datasheet HTML 9Page - Microsemi Corporation LX1562 Datasheet HTML 10Page - Microsemi Corporation LX1562 Datasheet HTML 11Page - Microsemi Corporation LX1562 Datasheet HTML 12Page - Microsemi Corporation LX1562 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SECOND-GENERATION POWER FACTOR C ONTROLLER
LX1562/1563
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1996
Rev. 1.3
12/96
P RODUCTION
D ATA
S HEET
CHARACTERISTIC CUR VES
FIGURE 10. — START-UP THRESHOLD vs. TEMPERATURE
FIGURE 11. —
UV LOCKOUT HYSTERESIS vs. TEMPERATURE
FIGURE 12. — UV LOCKOUT HYSTERESIS vs. TEMPERATURE
FIGURE 9. — START-UP THRESHOLD vs. TEMPERATURE
4.0
3.0
(T
A)
Ambient Temperature - (°C)
6.0
4.5
-50
-25
0
25
50
75
100
125
3.5
5.0
5.5
LX1562
1.50
(T
A)
Ambient Temperature - (°C)
-50
-25
0
25
50
75
100
125
1.60
LX1563
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
2.50
12.0
11.0
(T
A)
Ambient Temperature - (°C)
14.0
12.5
-50
-25
0
25
50
75
100
125
V
CC = 0V to 16V
C
L = 1nF
11.5
13.0
13.5
LX1562
9.60
9.40
(T
A)
Ambient Temperature - (°C)
-50
-25
0
25
50
75
100
125
9.50
LX1563
9.70
9.80
9.90
10.00
10.10
10.20
V
CC = 0V to 16V
C
L = 1nF


Similar Part No. - LX1562

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX15 BANNER-LX15 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
Lumins Inc.
LX150P LUMINIS-LX150P Datasheet
99Kb / 2P
   H.I.D. Ballast assembly post top pull-out tray, for ease of access
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
   Post top mount
LX150PH LUMINIS-LX150PH Datasheet
99Kb / 2P
   Post top mount
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
More results

Similar Description - LX1562

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
logo
Shenzhen Xinmao Microel...
LP8773 LANDP-LP8773 Datasheet
921Kb / 11P
   Second generation pre-conversIon PWM controller
LP8773S LANDP-LP8773S Datasheet
922Kb / 11P
   Second generation pre-conversIon PWM controller
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com