Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1004CDM-25 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1004CDM-25
Description  1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1004CDM-25 Datasheet(HTML) 6 Page - Microsemi Corporation

  LX1004CDM-25 Datasheet HTML 1Page - Microsemi Corporation LX1004CDM-25 Datasheet HTML 2Page - Microsemi Corporation LX1004CDM-25 Datasheet HTML 3Page - Microsemi Corporation LX1004CDM-25 Datasheet HTML 4Page - Microsemi Corporation LX1004CDM-25 Datasheet HTML 5Page - Microsemi Corporation LX1004CDM-25 Datasheet HTML 6Page - Microsemi Corporation LX1004CDM-25 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.2V & 2.5V M ICROPOWER VOLTAGE REFERENCES
LX1004
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.2
6/96
6
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR VES — LX1004-2.5V
FIGURE 9. — REVERSE CHARACTERISTICS
FIGURE 10. — FORWARD CHARACTERISTICS
FIGURE 11. — TEMPERATURE DRIFT
FIGURE 8. — RESPONSE TIME
Time - (100µs/Div.)
0
5
0
2.0V
4.0V
T
A = 25°C
V
IN
V
OUT
24K
Reverse Voltage - (V)
0.1
0
1.0
2.0
3.0
4.0
5.0
1
10
100
T
A = 25°C
Forward Current - (mA)
0
0.001
0.01
0.1
1
10
100
0.2
0.6
1.0
T
A = 25°C
0.4
0.8
Temperature - (°C)
2.48
-40
0
20
40
80
100
2.49
2.505
2.52
2.495
2.515
20
60
2.485
2.5
2.51


Similar Part No. - LX1004CDM-25

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX100 LUMINIS-LX100 Datasheet
99Kb / 2P
   Wall mount
logo
List of Unclassifed Man...
LX100VB10RM10X20LL ETC1-LX100VB10RM10X20LL Datasheet
840Kb / 5P
   LXA/LX Series
LX100VB1ROM8X14LL ETC1-LX100VB1ROM8X14LL Datasheet
840Kb / 5P
   LXA/LX Series
LX100VB22RM12X20LL ETC1-LX100VB22RM12X20LL Datasheet
840Kb / 5P
   LXA/LX Series
LX100VB2R2M8X14LL ETC1-LX100VB2R2M8X14LL Datasheet
840Kb / 5P
   LXA/LX Series
More results

Similar Description - LX1004CDM-25

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
   1.2V / 2.5V Micropower Voltage Reference
logo
Texas Instruments
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
[Old version datasheet]   1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004_08 Datasheet
249Kb / 12P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
   2.5V voltage references
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
   2.5V VOLTAGE REFERENCES
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com