Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0970B Datasheet(PDF) 8 Page - ON Semiconductor

Part # ENA0970B
Description  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0970B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ENA0970B Datasheet HTML 4Page - ON Semiconductor ENA0970B Datasheet HTML 5Page - ON Semiconductor ENA0970B Datasheet HTML 6Page - ON Semiconductor ENA0970B Datasheet HTML 7Page - ON Semiconductor ENA0970B Datasheet HTML 8Page - ON Semiconductor ENA0970B Datasheet HTML 9Page - ON Semiconductor ENA0970B Datasheet HTML 10Page - ON Semiconductor ENA0970B Datasheet HTML 11Page - ON Semiconductor ENA0970B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC87F2H08A
No.A0970-8/27
Pin Description
Pin Name
I/O
Description
Option
VSS1,VSS2
-
- power supply pins
No
VDD1
-
+ power supply pin
No
Port 0
I/O
• 8-bit I/O port
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• HOLD reset input
• Port 0 interrupt input
• Pin functions
P05: System clock output
P06: Timer 6 toggle output
P07: Timer 7 toggle output
P00(AN0) to P06(AN6):AD converter input
P05(DBGP00) to P07(DBGP02):On-chip debugger 0 port
Yes
P00 to P07
Port 1
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10: SIO0 data output
P14: SIO1 data input/bus I/O
P11: SIO0 data input/bus I/O
P15: SIO1 clock I/O
P12: SIO0 clock I/O
P16: Timer 1 PWML output
P13: SIO1 data output
P17: Timer 1 PWMH output/beeper output
P15(DBGP10) to P13(DBGP12):On-chip debugger 1 port
Yes
P10 to P17
Port 2
I/O
• 2-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20: UART transmit
P21: UART receive
P20 to P21: INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
Interrupt acknowledge types
Yes
P20 to P21
Rising
Falling
Rising &
Falling
H level
L level
INT4
enable
enable
enable
disable
disable
Port 3
I/O
• 2-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P30: PWM4 output
P31: PWM5 output
P30 to P31: INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
Interrupt acknowledge types
Yes
P30 to P31
Rising
Falling
Rising &
Falling
H level
L level
INT5
enable
enable
enable
disable
disable
Continued on next page.


Similar Part No. - ENA0970B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0970B SANYO-ENA0970B Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results

Similar Description - ENA0970B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com