Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6123-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # CPH6123-TL-E
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6123-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  CPH6123-TL-E Datasheet HTML 1Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 2Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 3Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 4Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 5Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 6Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 7Page - ON Semiconductor CPH6123-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CPH6123 / CPH6223
No.7386-3/8
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
IC -- VBE
CPH6123
VCE= --2V
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IC -- VCE
0
--0.2
--0.3
--0.1
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
IB=0
IB=0
IC -- VCE
IC -- VBE
CPH6223
VCE=2V
CPH6123
CPH6223
--4mA
--10mA
--8mA
--6mA
--30mA
--20mA
--40mA
10mA
5mA
20mA
40mA
60mA
80mA
100mA
--2mA
IT04564
IT04566
IT04565
IT04567
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
Base-to-Emitter Voltage, VBE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
7
100
2
3
5
7
1000
0.01
23
5
7 0.1
23
5
7 1.0
23
5
Ta=75°C
25°C
--25
°C
5
7
100
2
3
5
7
1000
hFE -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
hFE -- IC
CPH6123
VCE= --2V
CPH6223
VCE=2V
IT04568
IT04569
Ta=75°C
25°C
--25°C
10
2
3
5
7
100
2
3
5
7
1000
0.01
23
5
7 0.1
23
5
7 1.0
23
5
3
5
7
100
2
3
5
7
1000
f T -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
f T -- IC
CPH6123
VCE= --10V
CPH6223
VCE=10V
IT04570
IT04571
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A


Similar Part No. - CPH6123-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
More results

Similar Description - CPH6123-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com