Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7386A Datasheet(PDF) 5 Page - ON Semiconductor

Part # EN7386A
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7386A Datasheet(HTML) 5 Page - ON Semiconductor

  EN7386A Datasheet HTML 1Page - ON Semiconductor EN7386A Datasheet HTML 2Page - ON Semiconductor EN7386A Datasheet HTML 3Page - ON Semiconductor EN7386A Datasheet HTML 4Page - ON Semiconductor EN7386A Datasheet HTML 5Page - ON Semiconductor EN7386A Datasheet HTML 6Page - ON Semiconductor EN7386A Datasheet HTML 7Page - ON Semiconductor EN7386A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPH6123 / CPH6223
No.7386-5/8
--0.01
--0.1
2
3
5
7
--1.0
2
3
5
7
2
3
5
7
--10
A S O
--0.1
23
5
7 --1.0
23
5
7 --10
23
5
7 --100
IT05567
<10
μs
500
μs
10ms
100ms
DC
operation
ICP= --6A
IC= --3A
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.3
1.4
PC -- Ta
IT05569
1ms
0.01
0.1
2
3
5
7
1.0
2
3
5
7
2
3
5
7
10
A S O
0.1
23
5
7 1.0
23
5
7 10
23
5
7 100
IT05568
<10
μs
500
μs
10ms
100ms
DC
operation
ICP=6A
IC=3A
1ms
CPH6123 / CPH6223
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board(600mm
2×
0.8mm)
Collector-to-Emitter Voltage, VCE -- V
CPH6223
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2
×0.8mm)
Collector-to-Emitter Voltage, VCE -- V
CPH6123
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2
×0.8mm)


Similar Part No. - EN7386A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7310B SANYO-EN7310B Datasheet
337Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
logo
ON Semiconductor
EN7353B ONSEMI-EN7353B Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
logo
Sanyo Semicon Device
EN7354B SANYO-EN7354B Datasheet
471Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
EN7354B ONSEMI-EN7354B Datasheet
368Kb / 6P
   nullBipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
EN7359A ONSEMI-EN7359A Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
More results

Similar Description - EN7386A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com