Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1179N6-CPA-TB-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA1179N6-CPA-TB-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1179N6-CPA-TB-E Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1179N6-CPA-TB-E Datasheet HTML 1Page - ON Semiconductor 2SA1179N6-CPA-TB-E Datasheet HTML 2Page - ON Semiconductor 2SA1179N6-CPA-TB-E Datasheet HTML 3Page - ON Semiconductor 2SA1179N6-CPA-TB-E Datasheet HTML 4Page - ON Semiconductor 2SA1179N6-CPA-TB-E Datasheet HTML 5Page - ON Semiconductor 2SA1179N6-CPA-TB-E Datasheet HTML 6Page - ON Semiconductor 2SA1179N6-CPA-TB-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA1179N / 2SC2812N
No.7198-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)35V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE
VCE=(--)6V, IC=(--)1mA
200
400
Gain-Bandwidth Product
fT
2SC2812N : VCE=6V, IC=1mA
100
MHz
2SA1179N : VCE=--6V, IC=--10mA
(180)
MHz
Output Capacitance
Cob
VCB=(--)6V, f=1MHz
(4.0)3.0
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)50mA, IB=(--)5mA
(--0.15)0.1
(--)0.5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)50mA, IB=(--)5mA
(--)1.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)55
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)5
V
* : The 2SA1179N / 2SC2812N are classified by 1mA hFE as follws :
Rank
6
hFE
200 to 400
Ordering Information
Device
Package
Shipping
memo
2SA1179N6-TB-E
CPA
3,000pcs./reel
Pb Free
2SA1179N6-CPA-TB-E
CPA
3,000pcs./reel
2SC2812N6-TB-E
CPA
3,000pcs./reel
2SC2812N6-CPA-TB-E
CPA
3,000pcs./reel
IT04195
0
--10
--20
--30
--40
--50
0
--4
--12
--8
--16
0
--80
--40
--120
--200
--160
--240
IT04197
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
IT04196
0
1020304050
0
4
8
16
12
20
IT04198
0
1.0
1.2
0.6
0.8
0.4
0.2
0
120
160
200
240
80
40
IB=0μA
--5
μA
--10μA
--15μA
--20μA
--25μA
--30μ
A
--35μ
A
--40μ
A
--45μ
A
--50
μA
2SA1179N
2SA1179N
VCE= --6V
2SC2812N
VCE=6V
IB=0μA
5
μA
10
μA
15
μA
20
μA
25
μA
30μA
35μA
40μA
45μA
50μA
2SC2812N
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE


Similar Part No. - 2SA1179N6-CPA-TB-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1179N SANYO-2SA1179N Datasheet
41Kb / 3P
   2SA1179N
2SA1179N SANYO-2SA1179N Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1179N SANYO-2SA1179N Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
2SA1179N SANYO-2SA1179N_06 Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1179N SANYO-2SA1179N_12 Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
More results

Similar Description - 2SA1179N6-CPA-TB-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com