Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7221B Datasheet(PDF) 2 Page - ON Semiconductor

Part # EN7221B
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7221B Datasheet(HTML) 2 Page - ON Semiconductor

  EN7221B Datasheet HTML 1Page - ON Semiconductor EN7221B Datasheet HTML 2Page - ON Semiconductor EN7221B Datasheet HTML 3Page - ON Semiconductor EN7221B Datasheet HTML 4Page - ON Semiconductor EN7221B Datasheet HTML 5Page - ON Semiconductor EN7221B Datasheet HTML 6Page - ON Semiconductor EN7221B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CPH3123/CPH3223
No.7221-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(390)380
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(24)13
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)1A, IB=(--)50mA
(--115)90
(--230)130
mV
VCE(sat)2
IC=(--)2A, IB=(--)100mA
(--240)160
(--650)240
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)2A, IB=(--)100mA
(--)0.88
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--50)100
V
Collector-to-Base Breakdown Voltage
V(BR)CES
IC=(--)100μA,RBE=0Ω
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(30)35
ns
Storage Time
tstg
(230)300
ns
Fall Time
tf
(18)25
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH3123-TL-E
CPH3
3,000pcs./reel
Pb Free
CPH3223-TL-E
CPH3
3,000pcs./reel
Pb Free
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
00.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IC -- VCE
0
--0.2
--0.3
--0.1
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
IB=0
IB=0
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
CPH3123
CPH3223
--4mA
--10mA
--8mA
--6mA
--30mA
--20mA
--40mA
10mA
5mA
20mA
40mA
60mA
80mA
100mA
--2mA
IT04564
IT04565
VR
RB
VCC= --25V
VBE=5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
IB2
IC= --10IB1=10IB2= --1A
CPH3123
VR
RB
VCC=25V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
IB2
IC=10IB1= --10IB2=1A
CPH3223


Similar Part No. - EN7221B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7225B ONSEMI-EN7225B Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
More results

Similar Description - EN7221B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com