Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC536NG-NPA-AT Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC536NG-NPA-AT
Description  Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC536NG-NPA-AT Datasheet(HTML) 1 Page - ON Semiconductor

  2SC536NG-NPA-AT Datasheet HTML 1Page - ON Semiconductor 2SC536NG-NPA-AT Datasheet HTML 2Page - ON Semiconductor 2SC536NG-NPA-AT Datasheet HTML 3Page - ON Semiconductor 2SC536NG-NPA-AT Datasheet HTML 4Page - ON Semiconductor 2SC536NG-NPA-AT Datasheet HTML 5Page - ON Semiconductor 2SC536NG-NPA-AT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
73113 TKIM TC-00003017/O2412 TKIM/42503 TSIM TA-100055, 100056/ No.6324-1/6
10700 TS (KOTO) TA-2543
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
2SA608N/2SC536N
Bipolar Transistor
(–)50V, (–)150mA, Low VCE(sat) (PNP)NPN Single NPA-WA
Applicaitons
Capable of being used in the low frequency to high frequency range
Features
Large current capacity and wide ASO
Specifications ( ) : 2SA608N
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
(--50)60
V
Collector to Emitter Voltage
VCEO
(--)50
V
Emitter to Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)150
mA
Collector Current (Pulse)
ICP
(--)400
mA
Collector Dissipation
PC
500
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7542-001
Ordering number : EN6324B
Ordering & Package Information
Device
Package
Shipping
memo
2SA608NF-NPA-AT
NPA
SC-43A, TO-92, TO-226AA, SOT-54
1,500
pcs./box
Pb-Free
2SA608NG-NPA-AT
NPA
SC-43A, TO-92, TO-226AA, SOT-54
1,500
pcs./box
2SC536NF-NPA-AT
NPA
SC-43A, TO-92, TO-226AA, SOT-54
1,500
pcs./box
2SC536NG-NPA-AT
NPA
SC-43A, TO-92, TO-226AA, SOT-54
1,500
pcs./box
Marking
1 : Emitter
2 : Collector
3 : Base
NPA-WA
0.45
0.5
1.27
2.5
2.5
0.45
0.44
12
3
4.5
3.7
3.5
2SA608NF-NPA-AT
2SA608NG-NPA-AT
2SC536NF-NPA-AT
2SC536NG-NPA-AT
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - 2SC536NG-NPA-AT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC536NG-NPA-AT ONSEMI-2SC536NG-NPA-AT Datasheet
267Kb / 6P
   Bipolar Transistor
July, 2013
More results

Similar Description - 2SC536NG-NPA-AT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com