Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6632A Datasheet(PDF) 1 Page - ON Semiconductor

Part # EN6632A
Description  20W 2-Channel BTL Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6632A Datasheet(HTML) 1 Page - ON Semiconductor

  EN6632A Datasheet HTML 1Page - ON Semiconductor EN6632A Datasheet HTML 2Page - ON Semiconductor EN6632A Datasheet HTML 3Page - ON Semiconductor EN6632A Datasheet HTML 4Page - ON Semiconductor EN6632A Datasheet HTML 5Page - ON Semiconductor EN6632A Datasheet HTML 6Page - ON Semiconductor EN6632A Datasheet HTML 7Page - ON Semiconductor EN6632A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
O0808 MS JK/92900RM(OT) No.6632-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LA4628
Overview
The LA4628 is a 2-channel general-purpose BTL audio power amplifier provided in a miniature package. It was
designed for the best possible audio quality and features an extended low band roll-off frequency provided by a
newly-developed NF circuit that does not require an external capacitor. Furthermore, crosstalk, which can cause
muddiness in the audio output, has been significantly reduced by both circuit and wiring pattern improvements. Thus
this amplifier can provide powerful lows and clear highs.
Note that this device is pin compatible with the 13.5W
×2-channel LA4625, and allows end products differentiated by
their power rating to share the same printed circuit board.
Features
• Total output : 20W+20W (at VCC = 13.5V, RL = 4Ω, THD = 10%)
• High-fidelity design (fL < 10Hz, fH = 130kHz)
• Extremely low impulse noise levels
• An arbitrary amplifier startup time can be set up with external components.
• Full complement of built-in protection circuits (includes circuits that protect against shorting to VCC, shorting to
ground, load shorting, overvoltages and excessive temperatures)
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
No signal
24
V
Maximum output current
IO peak
Per channel
4
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink
32.5
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
Ordering number : EN6632A
Monolithic Linear IC
20W 2-Channel BTL Power Amplifier
for General Audio
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - EN6632A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN6631A SANYO-EN6631A Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

Similar Description - EN6632A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Toshiba Semiconductor
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
logo
Sanyo Semicon Device
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com