Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1803T-Tl-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB1803T-Tl-H
Description  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1803T-Tl-H Datasheet(HTML) 2 Page - ON Semiconductor

  2SB1803T-Tl-H Datasheet HTML 1Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 2Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 3Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 4Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 5Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 6Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 7Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 8Page - ON Semiconductor 2SB1803T-Tl-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SB1203 / 2SD1803
No.2085-2/10
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
IC=10IB1= --10IB2=2A
For PNP, the polarity is reversed.
VR
RB
VCC=25V
VBE= --5V
+
+
50
INPUT
RL
OUTPUT
100 F
470 F
PW=20 s
IB1
D.C. 1%
IB2
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)0.5A
70*
400*
hFE2VCE=(--)2V, IC=(--)4A
35
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(130)180
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(60)40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)3A, IB=(--)0.15A
(--280)220
(--550)400
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)3A, IB=(--)0.15A
(--)0.95
(--)1.3
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(50)50
ns
Storage Time
tstg
(450)500
ns
Fall Time
tf
(20)20
ns
* : The 2SB1203/2SD1803 are classified by 0.5A hFE as follows :
Rank
Q
R
S
T
hFE
70 to 140
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1203S-E
TP
500pcs./bag
Pb Free
2SB1203S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1203T-E
TP
500pcs./bag
Pb Free
2SD1203T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1803S-E
TP
500pcs./bag
Pb Free
2SB1803S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1803T-E
TP
500pcs./bag
Pb Free
2SD1803T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1203S-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1203S-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1203T-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1203T-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1803S-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1803S-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1803T-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1803T-Tl-H
TP-FA
700pcs./reel
Pb Free and Halogen Free


Similar Part No. - 2SB1803T-Tl-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1803T-Tl-H ONSEMI-2SB1803T-Tl-H Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SB1803T-Tl-H ONSEMI-2SB1803T-Tl-H Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1803T-Tl-H ONSEMI-2SB1803T-Tl-H Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Sanyo Semicon Device
2SB1803T-TL-H SANYO-2SB1803T-TL-H Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SB1803T-Tl-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com