Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4487T-AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC4487T-AN
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4487T-AN Datasheet(HTML) 4 Page - ON Semiconductor

  2SC4487T-AN Datasheet HTML 1Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 2Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 3Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 4Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 5Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 6Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 7Page - ON Semiconductor 2SC4487T-AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA1707 / 2SC4487
No.3093-4/8
fT -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Cob -- VCB
2SC4487
f=1MHz
5
2
3
2
3
5
7
100
10
--10
--100
--1.0
57
23
5
7
23
ITR04314
2SA1707
f=1MHz
100
1000
10
7
5
3
2
7
5
3
2
3
25 7
3
25 7
--0.01
--0.1
3
2
--1.0
2SA1707
VCE= --10V
ITR04312
2SC4487
VCE=10V
ITR04313
ITR04315
100
1000
10
7
5
3
2
7
5
3
2
3
25 7
3
25 7
0.01
0.1
3
2
1.0
5
2
3
2
3
5
7
100
10
10
100
1.0
57
23
5
7
23
ITR04319
--10
7
5
3
2
7
5
3
--1.0
--0.01
7
52
3
7
52
3
7
52
5
3
--0.1
--1.0
ITR04318
2SA1707
IC / IB=20
2SC4487
IC / IB=20
Ta= --25
°C
75
°C
25
°C
Ta= --25°C
75
°C
25
°C
ITR04317
Ta=75°C
--25°C
25°
C
2SC4487
IC / IB=20
--0.01
57
5
23
5 7 --0.1
23
23
57 --1.0
3
2
7
5
3
2
7
5
--1000
--100
--10
ITR04316
Ta=75
°C
--25°
C
25°
C
2SA1707
IC / IB=20
0.01
57
3
2
23
5 7
23
5
5
7
0.1
1.0
3
2
7
5
3
2
7
5
1000
100
10
10
7
5
3
2
7
5
3
1.0
0.01
7
52
3
7
52
2
37
55
3
0.1
1.0


Similar Part No. - 2SC4487T-AN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4487 SANYO-2SC4487 Datasheet
123Kb / 4P
   High-Current Switching Applications
2SC4487 SANYO-2SC4487 Datasheet
534Kb / 8P
   High-Current Switching Applications
More results

Similar Description - 2SC4487T-AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com