Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1203T-Tl-H Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SB1203T-Tl-H
Description  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1203T-Tl-H Datasheet(HTML) 4 Page - ON Semiconductor

  2SB1203T-Tl-H Datasheet HTML 1Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 2Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 3Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 4Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 5Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 6Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 7Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 8Page - ON Semiconductor 2SB1203T-Tl-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SB1203 / 2SD1803
No.2085-4/10
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
--0.1
--1.0
3
25 7
3
25 7
--10
3
25 7
2SB1203
VCE= --5V
100
3
2
7
5
1000
3
2
7
5
10
ITR09188
0.1
1.0
3
25 7
3
25 7
10
3
25 7
2SD1803
VCE=5V
100
3
2
7
5
1000
3
2
7
5
10
ITR09189
--1.0
--10
5
7
3
5
7
3
2
1.0
10
7
5
3
7
5
3
2
2SD1667
ITR09194
ITR09195
Ta= --25°C
25°C
2SB1203
IC / IB=20
2SD1803
IC / IB=20
75°C
Ta=75
°C
--25
°C
Ta=75
°C
--25°
C
Ta= --25°C
25°C
75°C
--0.1
--0.01 23
5
57
2 3
5 7
7
--1.0
23
5 7 --10
--1000
5
3
2
7
5
3
2
5
3
2
7
--100
--10
ITR09192
ITR09193
0.01
0.1
72 3
5
57
2 3
5 7 1.0
23
5 7 10
--0.1
--0.01
23
5
57
2 3
5 7
7
--1.0
23
5 7 --10
0.01
0.1
72 3
5
57
2 3
5 7 1.0
23
5 7 10
1000
5
3
7
2
5
3
7
2
5
3
2
100
10
25
°C
2SB1203
IC / IB=20
2SD1803
IC / IB=20
25°
C
37
2
1.0
10
53
7
25
7
5
100
ITR09191
2SD1803
f=1MHz
3
2
7
5
3
2
5
100
10
3
2
7
5
3
2
5
100
10
37
2
--1.0
--10
53
7
25
7
5
--100
ITR09190
2SB1203
f=1MHz


Similar Part No. - 2SB1203T-Tl-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1203T-Tl-H ONSEMI-2SB1203T-Tl-H Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SB1203T-Tl-H ONSEMI-2SB1203T-Tl-H Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203T-Tl-H ONSEMI-2SB1203T-Tl-H Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Sanyo Semicon Device
2SB1203T-TL-H SANYO-2SB1203T-TL-H Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SB1203T-Tl-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com