Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2019B Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN2019B
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN2019B Datasheet(HTML) 4 Page - ON Semiconductor

  EN2019B Datasheet HTML 1Page - ON Semiconductor EN2019B Datasheet HTML 2Page - ON Semiconductor EN2019B Datasheet HTML 3Page - ON Semiconductor EN2019B Datasheet HTML 4Page - ON Semiconductor EN2019B Datasheet HTML 5Page - ON Semiconductor EN2019B Datasheet HTML 6Page - ON Semiconductor EN2019B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1124 / 2SD1624
No.2019-4/7
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
23
5
0.1
10
23
5
0.01
23
5
1.0
100
10
2
5
7
1000
7
5
3
2
3
ITR08915
2SB1124
2SD1624
1.0
10
7
3
5
10
1.0
2
3
5
2
27
35
100
27
35
ITR08916
2
5
7
7
3
2
5
3
--100
--10
--1000
23
5
7
77
--0.01
23
5
3
5
--0.1
2
--1.0
ITR08917
2SB1124
IC / IB=20
75°
C
25°C
Ta
= -
-25
°C
2
5
7
7
3
2
5
3
100
10
1000
23
5
7
77
0.01
23
5
3
5
0.1
2
1.0
ITR08918
2SD1624
IC / IB=20
25°C
Ta=75°
C
--25°C
2SB1124 / 2SD1624
VCE=10V
2SB1124
2SD1624
2SB1124 / 2SD1624
f=1MHz
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
1.0
0.1
5
10
5
3
3
2
2
5
3
2
1.0
10
25
7
3
3
100
25
7
3
57
ITR08921
0
1.8
1.6
1.5
1.4
1.2
0.8
1.0
0.6
0.5
0.4
0.2
0
20
40
60
100
120
160
140
80
ITR08922
2SB1124 / 2SD1624
5
7
7
3
2
5
3
--1.0
--10
23
5
7
77
--0.01
23
5
2
3
5
--0.1
--1.0
ITR08919
2SB1124
IC / IB=20
25
°C
Ta=75°C
--25
°C
5
7
7
3
2
5
3
1.0
10
23
5
7
77
0.01
23
5
2
3
5
0.1
1.0
ITR08920
2SD1624
IC / IB=20
25
°C
75
°C
Ta= --25°C
ICP=6A
100ms 10ms
1ms
DC
operation
2SB1124 / 2SD1624
Ta=25
°C
Single pulse
For PNP, minus sign is omitted.
Mounted on a ceramic board (250mm2
✕0.8mm)
Mounted
on
a
ceramic
board
(250mm
2
0.8mm)
No heat
sink
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.
IC=3A


Similar Part No. - EN2019B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN2019B SANYO-EN2019B Datasheet
458Kb / 7P
   High Current Switching Applications
More results

Similar Description - EN2019B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com