Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX5243 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 2Page - ON Semiconductor AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Overview
www.onsemi.com
AX5243
6
Sophisticated radio controller
Fully automatic packet reception and
transmission without micro-controller
intervention
Supports HDLC, Raw, Wireless M-Bus
frames and arbitrary defined frames
Automatic channel noise level tracking
s resolution timestamps for exact
timing (e.g. for frequency hopping
systems)
256 Byte micro-programmable FIFO,
optionally supports packet sizes >
256 Bytes
3 matching units for preamble byte,
sync-word and address
Ability to store RSSI, frequency offset
and data-rate offset with the packet
data
Multiple receiver parameter sets allow
the use of more aggressive receiver
parameters during preamble,
dramatically shortening the required
preamble length at no sensitivity
degradation
Advanced Crystal Oscillator
Fast start-up and lowest power
steady-state XTAL oscillator for a
wide range of crystals
Integrated crystal tuning capacitors
Possibility of applying an external
clock reference (TCXO)
Miscellaneous features
Few external components
SPI microcontroller interface
Extended AXSEM register set
Fully integrated current/voltage
references
QFN20 4 mm x 4 mm package
Internal power-on-reset
Brown-out detection
10 bit 1MS/s General Purpose ADC
(GPADC)
1.2. Applications
27 – 1050 MHz licensed and unlicensed
radio systems.
Internet of Things
Automatic meter reading (AMR)
Security applications
Building automation
Wireless networks
Messaging Paging
Compatible with: Wireless M-Bus,
POCSAG, FLEX, KNX, Sigfox, Z-
Wave, enocean
Regulatory regimes: EN 300 220
V2.3.1 including the narrow-band
12.5 kHz, 20 kHz and 25 kHz
definitions; EN 300 422; FCC Part
15.247; FCC Part 15.249; FCC Part
90 6.25 kHz, 12.5 kHz and 25 kHz


Similar Part No. - AX5243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX5243 ONSEMI-AX5243 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
AX5243-1-TA05 ONSEMI-AX5243-1-TA05 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
AX5243-1-TW30 ONSEMI-AX5243-1-TW30 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
AX5243-868 ONSEMI-AX5243-868 Datasheet
2Mb / 12P
   DVK-2 Quick Start Guide
May, 2021 ??Rev. 1
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
More results

Similar Description - AX5243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX5043 ONSEMI-AX5043 Datasheet
392Kb / 47P
   Advanced High Performance ASK
October, 2015 ??Rev. 2
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
List of Unclassifed Man...
TRA150D-050-5 ETC1-TRA150D-050-5 Datasheet
76Kb / 6P
   High Performance ASK Transceiver
logo
Analog Devices
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
logo
ON Semiconductor
AX5043 ONSEMI-AX5043_V01 Datasheet
436Kb / 47P
   Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
August, 2021 ??Rev. 3
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com