Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M09G56-B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSTLS4M09G56-B0
Description  cost-effective and reliable availability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS4M09G56-B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTLS4M09G56-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLS4M09G56-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS4M09G56-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSTLS4M09G56-B0
Specifications
Shape
Lead
Frequency
4.096MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
-0.4/+0.2%
Frequency Aging
±0.2%
Wash
Not avairable
Resonant Impedance
30Ω
Built-in Load Capacitance
47pF
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/02


Similar Part No. - CSTLS4M09G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M09G56-B0 MURATA1-CSTLS4M09G56-B0 Datasheet
256Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS4M09G56-B0 MURATA1-CSTLS4M09G56-B0 Datasheet
309Kb / 2P
   Crystal Units/MEMS Resonators
02/16/2024
CSTLS4M09G56-B0 MURATA1-CSTLS4M09G56-B0_V01 Datasheet
256Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS4M09G56-B0 MURATA1-CSTLS4M09G56-B0_V02 Datasheet
309Kb / 2P
   Crystal Units/MEMS Resonators
02/16/2024
More results

Similar Description - CSTLS4M09G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS3M84G53-A0 MURATA-CSTLS3M84G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
CSTLS6M00G53Z-B0 MURATA-CSTLS6M00G53Z-B0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
CSTLS16M0X54-B0 MURATA-CSTLS16M0X54-B0 Datasheet
191Kb / 3P
   cost-effective and reliable availability
CSTLS18M0X51-B0 MURATA-CSTLS18M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com