Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7056GM3NR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7056GM3NR
Description  Dual-socket SMP server implmentation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7056GM3NR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7056GM3NR Datasheet HTML 1Page - List of Unclassifed Manufacturers S7056GM3NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Dual LGA2011 socket supports (2) Intel® Xeon® processor
E5-2600/E5-2600 v2 Series CPU
 Intel® C602 PCH
 (8 + 8) 240-pin UDIMM/RDIMM/LRDIMM ECC 1066/1333/1600/1866
*Speed 1866 only for 1 slot per channel 1.5V(Blue color DIMM slot )
 (2) PCI-E x16 + x4 slots (each w/ total x24 link)
 (4) SATA ports by (1) mini-SAS connector running at 3.0 Gb/s w/
RAID 0, 1, 10, 5 support (AHCI)
 (2) SATA connectors running at 6.0 Gb/s (AHCI)
 (8) SATA/SAS ports by (2) mini-SAS connectors running at 3.0Gb/s
w/ RAID 0, 1, 10 support (-W SKU)
 (2) GbE ports + (1) Dedicated for IPMI or (2) 10GbE ports + (1)
Dedicated for IPMI (-2T SKU)
 (7) USB2.0 ports (2 at rear, 4 via cable, 1 type A onboard)
 EATX (12" x 13", 305mm x 330mm)
Intel® C602 Chipset
Dual-socket SMP server implmentation
for IPDC and HPC
S7056
S7056GM3NR / S7056WGM3NR / S7056WGM3NR-2T /
S7056WGM3NR5(BTO) / S7056GM3NR-HE / S7056WGM3NR-HE /
S7056WGM3NR-2T-HE(BTO) S7056WGM3NR5-HE (BTO)
Specifications are subject to change without notice. Items pictured may only be representative.
DUAL-SOCKET
SERVER
PLATFORM


Similar Part No. - S7056GM3NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7050 ETC2-S7050 Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050A2NRF ETC2-S7050A2NRF Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050GM2NR(BTO) ETC2-S7050GM2NR(BTO) Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050GM4NR ETC2-S7050GM4NR Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050WGM2NR(BTO) ETC2-S7050WGM2NR(BTO) Datasheet
816Kb / 2P
   High-end dual-socket server platform
More results

Similar Description - S7056GM3NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7063 ETC2-S7063 Datasheet
774Kb / 2P
   Dual-socket SMP server implmentation
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
   Rack-optimization dual-socket server implmentation for CSP deployment
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
   High-Density 2U dual-socket SMP server implementation
FT48-B7025 ETC2-FT48-B7025 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
FT72-B7015 ETC2-FT72-B7015 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
YR190-B8228-X2 ETC2-YR190-B8228-X2 Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
   Mainstream dual-socket server
S7002 ETC2-S7002 Datasheet
1Mb / 2P
   Entry dual-socket server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com