Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7066G24W4HR(BTO) Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B7066G24W4HR(BTO)
Description  Cost-effective 1U Dual-Socket Server Implementation for Server Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7066G24W4HR(BTO) Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B7066G24W4HR(BTO) Datasheet HTML 1Page - List of Unclassifed Manufacturers B7066G24W4HR(BTO) Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cost-effective 1U Dual-Socket Server
Implementation for Server Applications
GT24-B7066
B7066G24W4H / B7066G24V4H / B7066G24W4HR(BTO)
Specifications are subject to change without notice. Items pictured may only be representative.
COST-EFFECTIVE
DUAL-SOCKET
1U PLATFORM
Front View
Front View
Back View
Back View
Dual LGA2011 socket supports (2) Intel® Xeon® Processor E5-2600/E5-2600
v2 Series CPU
Intel® C602 PCH
(8)+(8) DIMM slots
UDIMM/RDIMM/LRDIMM ECC 1066/1333/1600/1866
*Speed 1866 only for 1 slot per channel 1.5V(Blue color DIMM slot )
(2) Half-Height/ Half-Length PCI-E Gen3 x16 slot
(4) Hot-swap 3.5"/2.5" SAS/SATA 6G HDDs
(3) GbE ports (Intel® I350 + Intel® 82574L shared with IPMI)
Onboard BMC w/ IPMI and iKVM support
(1) EPS1U 500W PSU, 80-PLUS Gold (B7066G24W4H/B7066G24V4H SKU)
(1+1) ERP1U 450W PSU hot-swap, 80-PLUS Silver (B7066G24W4HR(BTO)SKU)
•SAS/SATA 6Gb/s compatible HDD backplane pre-installed
•(4) Hot-Swap 3.5” HDD carriers w/ 2.5” bracket included
•(2) FH/HL PCI-E (G3) x16 slots


Similar Part No. - B7066G24W4HR(BTO)

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B706 PULSE-B706 Datasheet
146Kb / 2P
   XDSL SPLITTER FILTER MODULE
logo
List of Unclassifed Man...
B7061T77W8HR ETC2-B7061T77W8HR Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
B7067G24V4H-2T ETC2-B7067G24V4H-2T Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
B7067G24W4H-2T ETC2-B7067G24W4H-2T Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
More results

Similar Description - B7066G24W4HR(BTO)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT20A-B7040 ETC2-GT20A-B7040 Datasheet
1Mb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for power-efficient Applications
S7077 ETC2-S7077 Datasheet
1Mb / 2P
   Cost-effective dual-socket Server/workstation implementation
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
YR190-B8228-X2 ETC2-YR190-B8228-X2 Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
FT48-B7025 ETC2-FT48-B7025 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
GT24-B7016 ETC2-GT24-B7016 Datasheet
905Kb / 2P
   Best 1U dual-socket SMP server implementation for HPC and enterprise virtualization applications
FT72-B7015 ETC2-FT72-B7015 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com