Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7922F76U8HR-4T-HE-X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B7922F76U8HR-4T-HE-X
Description  4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7922F76U8HR-4T-HE-X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B7922F76U8HR-4T-HE-X Datasheet HTML 1Page - List of Unclassifed Manufacturers B7922F76U8HR-4T-HE-X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MITAC COMPUTING TECHNOLOGY CORP.
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
(Specifications are subject to change without notice. Items pictured may only be representative.)
FT76-B7922
B7922F76U8HR-4T-HE-X / B7922F76U8HR-4T
B7922F76U8HR-2T
S7922GM2NR-2T
(4) Sockets R1 (96) R-DDR4
1866/1600/1333MHz Max. 3.0TB*,
(2) 10GbE, (1) PHY port
PSU
(3+1) 3,000 Watts (100-127Vac input) /
4,800 Watts (200-240Vac input) RPSU
80+ Platinum
(Max. 1600W output only for 200-240V)
Max up to (10) PCI-E Gen3 x8 +
(1) PCI-E Gen2
(8) hot-swap 2.5" HDDs
2.5"
Memory Riser
(8) M7922F76-MR
support
(12) DIMMs per riser
System FAN
(4) hot-swap 9cm fans
(2) hot-swap PCI-E Gen3 x8 slots
4U Rackmount
FT76
29.92" x 17.17" x 6.93" (760 x 436 x 176mm)
S7922GM2NR-2T
41.3 kg
(1) PWR / (1) RST / (1) ID
(1) HDD / (2) LAN / (1) ID / (1) IPMI/Warning
(2) USB ports
2.5" Hot-Swap / (8)
SAS 12Gb/s/ SATA 6Gb/s
(8) 2.5" HDDs w/SAS 12Gb/s/ SATA 6Gb/s
System Cooling
Configuration
(4) hot-swap 9cm fans
RPSU
200-240V AC/ 9.48A
100-217V AC/ 12.47A
80-PLUS Platinum
3,000 Watts (100-127Vac input)
4,800 Watts (200-240Vac input)
3+1
Intel® Xeon® Processor E7-8800/E7-4800 v3 series processors
Socket R1 / (4)
Max up to 165W
3 Intel 9.6/ 8.0/ 6.4 GT/s with Intel® QuickPath Interconnect
(QPI) support
Intel® C602-J
-
(96) DIMM slots
RDIMM/LRDIMM/LRDIMM 3DS DDR4 Lockstep Mode –
1333,1600,1866
Up to 3,072GB RDIMM/ 6,144GB LRDIMM/
12,288GB LRDIMM 3DS
*Follow latest Intel DDR4 Memory POR
2 Channels per Memory Buffer
1.2V
(2) PCI-E Gen3 x8 slots / (4) PCI-E Gen3 x16 slots /
(1) PCI-E Gen2 x8 slot / (2) hot-swap PCI-E Gen3 x8 slots
(-HE-X SKU)
(1) PCI-E Gen2 x8 slot / (2) hot-swap PCI-E Gen3 x8 slots /
(10) PCI-E Gen3 x8 slots (-4T/-2T SKU)
M7922F76-HSP, Hot-swap (2) PCI-E Gen.3 x8 slots /
M7922F76-IO-HE, (2)PCI-E Gen3 x8 slots;
(1)PCI-E Gen2 x8; (4)PCI-E Gen3 x16 slots
P3250USR-8I / P1210C-2T (-4T SKU)
P3250USR-8I (-2T SKU)
(4) 10GbE (-4T SKU) or (2) 10GbE (-2TSKU)
(1) PHY
Intel® X540-BT2
Realtek® RTL8211E
P1210C-2T Intel® (2) 10GbE ports TYAN Mezz LAN Card
Pre-install TYAN LAN
Mezz Card (-4T SKU)
Memory voltage
Processor
Supported CPU Series
Socket Type / Q'ty
Port Q'ty
Controller
Memory
Pre-install TYAN Riser
Card
Supported DIMM Qty
DIMM Type / Speed
Capacity
Memory channel
PCI-E
Expansion
Slots
Pre-install TYAN Mezz
Card
LAN
PHY
Output Watts
Gross Weight
System
Buttons
FAN
Power Supply
Type
Input Range
Efficiency
Redundancy
HDD backplane support
LEDs
I/O Ports
Front Panel
Supported HDD
Interface
Type / Q'ty
Motherboard
External Drive
Bay
Form Factor
Chassis Name
Dimension (H x W x D)
Thermal Design Power
(TDP) wattage
System Bus
Chipset
Super I/O
Chipset
Pre-install TYAN
SAS Mezz Card
P3250USR-8I LSI SAS Mezz Card
Connector
(2) Mini-SAS HD connectors (totally support 8 ports)
Controller
LSI SAS3008
Speed
12.0 Gb/s
RAID
RAID 0/ 1/ 1E/ 10 (LSI Integrated RAID)
Connector
(2) SATA
Controller
Intel® C602-J
Speed
(1) 6.0 Gb/s (blue color), (1) 3.0 Gb/s (black color)
RAID
RAID 0/1/10/5 (Intel® RST)
(2) SATA DOM 3G/ (1) M.2 NGFF 6G
D-Sub 15-pin
Up to 1920x1200
Aspeed AST2400
(4) ports (2 at front, 2 at rear)
(1) DB-9 COM port
(1) D-Sub 15-pin port
(4) 10GbE, (1) PHY dedicated for IPMI (-4T SKU) or
(2) 10GbE, (1) PHY dedicated for IPMI (-2T SKU)
Onboard Aspeed AST2400
Monitors voltage for CPU, memory, chipset & power supply
Monitors temperature for CPU & memory & system
environment
Over temperature warning indicator / Fan & PSU fail LED
indicator
Watchdog timer support
Onboard Aspeed AST2400
IPMI 2.0 compliant baseboard management controller
(BMC) / Supports storage over IP and remote
platform-flash / USB 2.0 virtual hub
24-bit high quality video compression / 10/100 Mb/s MAC
interface
AMI / 16MB
User-configurable H/W monitoring / SMBIOS 2.7/PnP/Wake
on LAN / PXE boot support / ACPI 3.0/ACPI sleeping states
S4,S5
Operating
System
Please refer to our Intel OS supported list.
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
*Intel® Xeon® E7-8800 v3 series processors can be
supported with limited thermal condition(-2T/-4T SKU)
*Recommend to fully populate 4x GPU/coprocessor
modules for best thermal performance(-HE-X SKU)
RoHS
Yes
Storage
SAS
System
Monitoring
AST2400 IPMI Feature
SATA
Others
RJ-45
Input /Output
Chipset
Regulation
FCC (DoC)
CE (DoC)
Others
COM
OS supported list
Temperature
Brand / ROM size
VGA
Chipset
Resolution
Operating
Environment
BIOS
Graphic
Connector type
Feature
LED (On system front
panel)
Voltage
USB
Server
Management
Onboard Chipset
AST2400 iKVM Feature
Operating Temp.
Non-operating Temp.
RoHS 6/6 Complaint
In/Non-operating
Humidity
Note


Similar Part No. - B7922F76U8HR-4T-HE-X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
   SAW Duplexer WCDMA / LTE Band XI
B7923 EPCOS-B7923 Datasheet
347Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
B7924 EPCOS-B7924 Datasheet
175Kb / 13P
   SAW Duplexer LTE Band 17
More results

Similar Description - B7922F76U8HR-4T-HE-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA80-B7071 ETC2-TA80-B7071 Datasheet
730Kb / 2P
   2U Server Platform Designed for up to 4x GPGPU/Coprocessor Modules Deployment
FT77C-B7079 ETC2-FT77C-B7079 Datasheet
1Mb / 2P
   4U Server Platform Designed for up to 8x Coprocessor
GA80-B7081 ETC2-GA80-B7081 Datasheet
1Mb / 2P
   1U Server Platform Designed for up to 3x GPGPU
GT86A-B7051 ETC2-GT86A-B7051 Datasheet
1Mb / 2P
   1U Storage Server Platform for HDFS Deployment
GF83-B7074 ETC2-GF83-B7074 Datasheet
1Mb / 2P
   1U Front-Serviced Storage Server Platform for HDFS Deployment
S5620 ETC2-S5620 Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
   Rack-optimization dual-socket server implmentation for CSP deployment
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
GT62A-B5512 ETC2-GT62A-B5512 Datasheet
1Mb / 2P
   Single-socket server platform for Rack Optimization, Server Storage applications
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com