Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3035S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M3035S
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M3035S Datasheet(HTML) 3 Page - Vishay Siliconix

  M3035S_15 Datasheet HTML 1Page - Vishay Siliconix M3035S_15 Datasheet HTML 2Page - Vishay Siliconix M3035S_15 Datasheet HTML 3Page - Vishay Siliconix M3035S_15 Datasheet HTML 4Page - Vishay Siliconix M3035S_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M30x5S, MB30x5S, MI30x5S
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
3
Document Number: 88952
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
Fig. 7 - Typical Transient Thermal Impedance
Instantaneous Forward Voltage (V)
100
0.1
0.01
00.9
1
0.1
10
0.8
0.7
0.6
0.5
0.4
0.3
0.2
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1000
0.1
0.001
10
100
1
20
10
90
80
70
60
50
40
30
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.01
100
Reverse Voltage (V)
10 000
100
0.1
100
110
1000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
10
0.1
0.01
100
110
1
0.1
Junction to Case
M(I)30xxS
t - Pulse Duration (s)
10
0.1
0.01
100
110
1
0.1
Junction to Case
MB30xxS


Similar Part No. - M3035S_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3035S VISHAY-M3035S_12 Datasheet
152Kb / 5P
   Schottky Barrier Rectifier
Revision: 12-Mar-09
More results

Similar Description - M3035S_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com