Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP0260SD Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGP0260SD
Description  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP0260SD Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGP0260SD_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGP0260SD_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGP0260SD_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGP0260SD_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGP0260SD
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
www.goodark.com
2/4
2015.05-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2. Typical Instantaneous Forward 
Characteristics 
Figure 3. Typical Reverse Characteristics 
Figure 4. Typical Junction Capacitance
Figure 5.Maximum Non‐Repetitive Peak 
Forward Surge Current
www.goodark.com
2/4
2015.05-Rev.A


Similar Part No. - SGP0260SD_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP0260SD GOOD-ARK-SGP0260SD Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGP0260SD_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL23S GOOD-ARK-FSL23S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 2A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com