Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

093PMGSI Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 093PMGSI
Description  Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

093PMGSI Datasheet(HTML) 4 Page - Vishay Siliconix

  093PMGSI_15 Datasheet HTML 1Page - Vishay Siliconix 093PMGSI_15 Datasheet HTML 2Page - Vishay Siliconix 093PMGSI_15 Datasheet HTML 3Page - Vishay Siliconix 093PMGSI_15 Datasheet HTML 4Page - Vishay Siliconix 093PMGSI_15 Datasheet HTML 5Page - Vishay Siliconix 093PMGSI_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
093 PMG-SI
www.vishay.com
Vishay BCcomponents
Revision: 21-May-15
4
Document Number: 28383
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
Note
(1) Impedance ratio shall not exceed the given values
420
100
22 x 25
0.89
0.84
1.44
1.05
54101E3
180
22 x 35
1.29
1.50
0.81
0.59
54181E3
180
25 x 30
1.29
1.50
0.78
0.57
44181E3
220
25 x 35
1.47
1.50
0.67
0.50
44221E3
220
30 x 25
1.44
1.50
0.69
0.52
34221E3
270
22 x 50
1.61
1.50
0.54
0.39
54271E3
270
30 x 30
1.67
1.50
0.56
0.41
34271E3
330
25 x 50
1.47
1.50
0.43
0.31
44331E3
330
30 x 35
1.88
1.50
0.46
0.35
34331E3
390
35 x 30
2.05
1.50
0.47
0.37
24391E3
470
35 x 35
2.27
1.50
0.37
0.28
24471E3
560
30 x 50
2.66
1.50
0.31
0.25
34561E3
560
35 x 40
2.57
1.50
0.34
0.27
24561E3
680
35 x 45
2.87
1.50
0.28
0.23
24681E3
450
82
22 x 25
0.80
0.74
1.77
1.31
57829E3
100
22 x 30
0.95
0.90
1.45
1.07
57101E3
120
22 x 30
1.00
1.08
1.26
0.95
57121E3
120
25 x 25
1.00
1.08
1.29
0.97
47121E3
150
22 x 35
1.17
1.35
1.01
0.76
57151E3
180
22 x 40
1.34
1.50
0.85
0.63
57181E3
180
25 x 30
1.27
1.50
0.86
0.65
47181E3
180
30 x 25
1.32
1.50
0.86
0.65
37181E3
220
22 x 50
1.45
1.50
0.66
0.49
57221E3
220
25 x 35
1.45
1.50
0.73
0.56
47221E3
270
30 x 30
1.64
1.50
0.61
0.47
37271E3
270
35 x 25
1.66
1.50
0.68
0.54
27271E3
330
25 x 50
2.07
1.50
0.46
0.35
47331E3
330
35 x 30
1.98
1.50
0.50
0.39
27331E3
390
30 x 40
2.11
1.50
0.42
0.32
37391E3
390
35 x 35
2.18
1.50
0.43
0.33
27391E3
470
35 x 40
2.47
1.50
0.35
0.27
27471E3
560
35 x 45
2.74
1.50
0.30
0.23
27561E3
680
35 x 50
3.07
1.50
0.25
0.20
27681E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
 200 V versions
US = 1.1 x UR
Reverse voltage
 1 V
-
Current
Leakage current
After 5 min at UR
IL5  0.02 CR x UR or 1.5 mA, whichever is smaller
Inductance
Equivalent series inductance (ESL)
All case sizes
19 nH typical/25 nH max.
LOW TEMPERATURE CHARACTERISTIC (at 120 Hz)
DESCRIPTION
UR (V) (1)
200 TO 450
Impedance ratio
Z (-25 °C)/Z (+20 °C)
4
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR (1)
120 Hz
(
)
MAX. Z
10 kHz
(
)
ORDERING CODE
MAL2093.......
Note
(1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz


Similar Part No. - 093PMGSI_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
093PMG-SI VISHAY-093PMG-SI Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
093PMG-SI VISHAY-093PMG-SI Datasheet
94Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
01-Jan-2023
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results

Similar Description - 093PMGSI_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
093PMG-SI VISHAY-093PMG-SI_V01 Datasheet
94Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
01-Jan-2023
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com