Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL8004E1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XL8004E1
Description  80V 1A Switching Current Buck PFM LED Constant Current Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL8004E1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XL8004E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL8004E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
XLSEMI
Datasheet
80V 1A Switching Current Buck PFM LED Constant Current Driver
XL8004
Rev 1.1
www.xlsemi.com
4
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
XL8004 Electrical Characteristics
Ta = 25℃;unless otherwise specified. Reference test circuit figure4
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
VCSP
CSP
Voltage
VIN = 24V to 80V,
Iled=0.3A, Pout=8W
190
200
210
mV
Efficiency
ŋ
VIN=48V, Iled=0.3A, Pout=8W
-
94.9
-
%
Efficiency
ŋ
VIN=60V, Iled=0.3A, Pout=8W
-
94.6
-
%
Efficiency
ŋ
VIN=72V, Iled=0.3A, Pout=8W
-
92.4
-
%
Electrical Characteristics (DC Parameters)
Parameters
Symbol
Test Condition
Min.
Typ.
Max. Unit
Input operation voltage
VIN
24
80
V
Switching Frequency
Fosc
Figure4 (8*1W)
VIN=48V
47.8
59.7
71.6
KHz
Switching Frequency
Fosc
Figure4 (8*1W)
VIN=60V
56.5
70.6
84.7
KHz
Switching Frequency
Fosc
Figure4 (8*1W)
VIN=72V
61.2
76.4
91.6
KHz
Output LED open voltage
Vopen
Figure4 VIN=72V
36
V
DMOS
Drain-Source
Breakdown Voltage
VBRDS
VGS=0V, IDS=250uA
90
V
DMOS
Drain-Source on resistor
RDSON
IDS=0.5A, VGS=10V
0.1
0.15
Ohm
Thermal Shutdown
OTP
Tj
165
0C
Thermal Shutdown Window
25
0C


Similar Part No. - XL8004E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL8004E1 XLSEMI-XL8004E1 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
More results

Similar Description - XL8004E1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9802 HMSEMI-HM9802 Datasheet
622Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com