Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL7015E1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XL7015E1
Description  0.8A 150KHz 80V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL7015E1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XL7015E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL7015E1 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Datasheet
0.8A 150KHz 80V Buck DC to DC Converter
XL7015
Rev 1.1
www.xlsemi.com
9
Package Information
Package Information (TO252-5L)


Similar Part No. - XL7015E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7015E1 XLSEMI-XL7015E1 Datasheet
337Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
More results

Similar Description - XL7015E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7015 XLSEMI-XL7015 Datasheet
337Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3110B HMSEMI-HM3110B Datasheet
842Kb / 9P
   0.8A 150KHz 80V step-down DC-DC converter
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
   0.6A 150KHz 80V Buck DC to DC Converter
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
XL7035 XLSEMI-XL7035 Datasheet
176Kb / 10P
   1A 150KHz 80V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com