Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4201E1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XL4201E1
Description  3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL4201E1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XL4201E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL4201E1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
XLSEMI
Datasheet
3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
XL4201
Rev2.0
www.xlsemi.com
7
-50
-25
0
25
50
75
100
125
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FEEDBACK VOLTAGE CHANGE VS TEMPERATURE
TEMPERATURE(℃)
VIN=12V,VOUT=5V,IOUT=1.0A
Normalized at TA=25℃
NOTE2
Figure11. Feedback voltage change Curve
Note2: Internal temperature compensation
circuitry is provided to compensation the
PCB and external line loss in system
application. When the junction temperature
or
the output power rise,the feedback
voltage will be compensated. This function is
provided to compensation the PCB and
external line loss in system application.


Similar Part No. - XL4201E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4201E1 XLSEMI-XL4201E1 Datasheet
369Kb / 14P
   3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
More results

Similar Description - XL4201E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4201 XLSEMI-XL4201 Datasheet
369Kb / 14P
   3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
XL4001 XLSEMI-XL4001 Datasheet
170Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
Shenzhen Huazhimei Semi...
HM3101 HMSEMI-HM3101 Datasheet
731Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4001 ETC2-XL4001 Datasheet
170Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
Shenzhen Huazhimei Semi...
HM3112B HMSEMI-HM3112B Datasheet
1Mb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501 XLSEMI-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com