Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL2596S-ADJE1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XL2596S-ADJE1
Description  3A 150KHz 40V Buck DC to DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2596S-ADJE1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XL2596S-ADJE1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2596S-ADJE1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Datasheet
3A 150KHz 40V Buck DC to DC Converter
XL2596
Rev 2.4
www.xlsemi.com
3
Function Block
Figure3. Function Block Diagram of XL2596
Typical Application Circuit
Figure4. XL2596 Typical Application Circuit 12V-5V/3A


Similar Part No. - XL2596S-ADJE1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2596S-ADJE1 XLSEMI-XL2596S-ADJE1 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - XL2596S-ADJE1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507 ETC2-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1507 HMSEMI-HM1507 Datasheet
465Kb / 13P
   3A 150KHz 40V Buck DC to DC Converter HM1507
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com