Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL2576T-ADJE1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XL2576T-ADJE1
Description  3A 52KHz 40V Buck DC to DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2576T-ADJE1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XL2576T-ADJE1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL2576T-ADJE1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Datasheet
3A 52KHz 40V Buck DC to DC Converter
XL2576
Rev 2.6
www.xlsemi.com
7
Electrical Characteristics (DC Parameters)
Vin = 12V for the 5V,and Adjustable versions and Vin=24V for the 12V version, GND=0V, Vin
& GND parallel connect a 220uf/50V capacitor; Iout=500mA, Ta = 25℃; the others floating
unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input operation voltage
Vin
4.5
40
V
Shutdown Supply Current
ISTBY
VON/OFF=5V
80
200
uA
Quiescent Supply Current
Iq
VON/OFF =0V,
VFB =Vin
2
10
mA
Oscillator Frequency
Fosc
40
52
64
Khz
Switch Current Limit
IL
VFB =0
3.6
4.8
6.9
A
ON/OFF Pin Threshold
VON/OFF
High (Regulator OFF)
Low (Regulator ON)
1.4
0.8
V
IH
VON/OFF =2.5V (OFF)
5
15
uA
ON/OFF
Pin
Input
Leakage Current
IL
VON/OFF =0.5V (ON)
0.2
5
uA
Output Saturation Voltage
VCE
VFB=0V
Iout=3A
1.3
1.5
V
Max. Duty Cycle
DMAX
VFB=0V
100
%


Similar Part No. - XL2576T-ADJE1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2576T-ADJE1 XLSEMI-XL2576T-ADJE1 Datasheet
381Kb / 14P
   3A 52KHz 40V Buck DC to DC Converter
More results

Similar Description - XL2576T-ADJE1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2576 XLSEMI-XL2576 Datasheet
381Kb / 14P
   3A 52KHz 40V Buck DC to DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
   3A 52KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
   3A 52KHZ PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507 ETC2-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1507 HMSEMI-HM1507 Datasheet
465Kb / 13P
   3A 150KHz 40V Buck DC to DC Converter HM1507
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com