Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1583 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XL1583
Description  3A 380KHz 23V Buck DC to DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1583 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XL1583 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1583 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
3A 380KHz 23V Buck DC to DC Converter
XL1583
Rev 1.0
www.xlsemi.com
1
Features
n Wide 3.6V to 23V Input Voltage Range
n Output Adjustable from 1.222V to 21V
n
Maximum Duty Cycle 100%
n
Minimum Drop Out 0.6V
n Fixed 380KHz Switching Frequency
n 3A Constant Output Current Capability
n Internal Optimize Power MOSFET
n
High efficiency
n
Excellent line and load regulation
n
TTL shutdown capability
n
EN pin with hysteresis function
n
Built in thermal shutdown function
n
Built in current limit function
n
Built in output short protection function
n
Available in SOP8 package
Applications
n LCD Monitor and LCD TV
n Digital Photo Frame
n Set-up Box
n ADSL Modem
n Telecom / Networking Equipment
General Description
The XL1583 is a 380KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 3A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency
compensation
and
a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
is built inside. When short protection function
happens, the operation frequency will be
reduced from 380KHz to 80KHz. An internal
compensation block is built in to minimize
external component count.
Figure1. Package Type of XL1583


Similar Part No. - XL1583

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
XL1583E1 XLSEMI-XL1583E1 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results

Similar Description - XL1583

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1583 HMSEMI-HM1583 Datasheet
307Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
Fitipower Integrated Te...
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
   23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1583 TECHCODE-TD1583 Datasheet
655Kb / 16P
   3A 380KHz 28V PWM Buck DC/DC Converter
December, 23, 2009.
logo
First Silicon Co., Ltd
FAC1583 FS-FAC1583 Datasheet
414Kb / 11P
   3A 380KHZ 28V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
   3A 380KHz 28V PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
   340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com