Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1530E1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XL1530E1
Description  3A 380KHz 18V Buck DC to DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1530E1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  XL1530E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1530E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet
3A 380KHz 18V Buck DC to DC Converter
XL1530
Rev 1.0
www.xlsemi.com
6
Test Circuit and Layout guidelines
Figure5. Standard Test Circuits and Layout Guides
Select R1 to be approximately 2K, use a 1% resistor for best stability.
C1 and CFF are optional; in order to increase stability and reduce the input power line noise, CIN and
C1 must be placed near to VIN and GND;
For output voltages greater than approximately 10V, an additional capacitor CFF is required. The
compensation capacitor is typically between 100 pf and 33 nf, and is wired in parallel with the output
voltage setting resistor, R2. It provides additional stability for high output voltage, low input-output
voltages, and/or very low ESR output capacitors, such as solid tantalum capacitors.
CFF=1/(31*1000*R2); This capacitor type can be ceramic, plastic, silver mica, etc. (Because of the
unstable characteristics of ceramic capacitors made with Z5U material, they are not recommended.)


Similar Part No. - XL1530E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1530E1 XLSEMI-XL1530E1 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
More results

Similar Description - XL1530E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
   3A 380KHz 18V Buck DC to DC Converte
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1513 ETC2-XL1513 Datasheet
253Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1410 ETC2-XL1410 Datasheet
259Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1583 ETC2-XL1583 Datasheet
233Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1583 HMSEMI-HM1583 Datasheet
307Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com