Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1509-12E1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XL1509-12E1
Description  2A 150KHz 40V Buck DC to DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1509-12E1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XL1509-12E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1509-12E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Datasheet
2A 150KHz 40V Buck DC to DC Converter
XL1509
Rev 2.0
www.xlsemi.com
3
Function Block
Figure3. Function Block Diagram of XL1509
Typical Application Circuit
XL1509-5.0
CIN
C1
105
180uf 35V
D1
L1 68uh/2A
+12V
LOAD
1
5~8
4
2
3
GND
VIN
FEEDBACK
OUTPUT
ON/OFF
ON
OFF
5V/2A
COUT
1N5820
470uf 35V
Figure4. XL1509 Typical Application Circuit 12V-5V/2A


Similar Part No. - XL1509-12E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
XLSEMI
XL1509122500E1 XLSEMI-XL1509122500E1 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL15093.32500E1 XLSEMI-XL15093.32500E1 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL15095.02500E1 XLSEMI-XL15095.02500E1 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - XL1509-12E1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
   2A 150kHz 40V BUCK DC/DC CONVERTER
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Princeton Technology Co...
RS6501 PTC-RS6501 Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com