Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5512G2NR-LE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S5512G2NR-LE
Description  SINGLE-SOCKET ATX SERVER / WORKSTATION PLATFORM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S5512G2NR-LE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S5512G2NR-LE Datasheet HTML 1Page - List of Unclassifed Manufacturers S5512G2NR-LE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single LGA1155 socket supports (1) Intel® Xeon® processor
E3-1200 i3-2100 (32nm / 22nm) series processors
 Intel® C204 PCH / C202 PCH
 (4) 240-pin DDR3 DIMM slots support up to 32GB U-DDR3
1600/1333/1066 MHz w/ ECC memory
 (2) PCI-E 2.0 x 1 slot (x1 link)
 (1) PCI-E 2.0 x 8 slot (x 4 link) (w/o-LE and -W SKU)
 (1) PCI-E 2.0/3.0 x 8 slot (x8 link)
 (1) PCI-E 2.0/3.0 x 16 slot (x8 link or x16 link; default x8 link)
PCI-E 3.0 only for Ivy Bridge CPU
 (4) SATA-II connectors w/ RAID 0, 1, 10, 5 support
 (2) SATA-III connectors
 (4) GbE LAN + (1) 10/100 MB IPMI port
 AST2150 BMC w/ IPMI and iKVM support
 ATX (12" x 9.6") form factor
* Use Intel® IVY Bridge CPU to Support PCI-E Gen.3
Intel® C204 Chipset
High-end single server / workstation
storage and virtualization
S5512
S5512G2NR-LE / S5512GM2NR
S5512WGM2NR / S5512GM4NR
Specifications are subject to change without notice. Items pictured may only be representative.
SINGLE-SOCKET
ATX SERVER /
WORKSTATION
PLATFORM


Similar Part No. - S5512G2NR-LE

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5512 SATCO-S5512 Datasheet
128Kb / 1P
   13 watt; Mini Spiral Compact Fluorescent; Red; Medium base; 120 volts
More results

Similar Description - S5512G2NR-LE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5530 ETC2-S5530 Datasheet
745Kb / 2P
   SINGLE-SOCKET ATX SERVER PLATFORM
S5532 ETC2-S5532 Datasheet
782Kb / 2P
   SINGLE SOCKET ATX SERVER/ PLATFORM
S7020 ETC2-S7020 Datasheet
1Mb / 2P
   Dual-socket server,workstation platform
S7025 ETC2-S7025 Datasheet
1,023Kb / 2P
   Dual-socket server/ workstation platform
S5533 ETC2-S5533 Datasheet
739Kb / 2P
   Single-socket Server Platform
S7042 ETC2-S7042 Datasheet
858Kb / 2P
   Dual-socket server platform
GT62A-B5512 ETC2-GT62A-B5512 Datasheet
1Mb / 2P
   Single-socket server platform for Rack Optimization, Server Storage applications
S7077 ETC2-S7077 Datasheet
1Mb / 2P
   Cost-effective dual-socket Server/workstation implementation
S7017 ETC2-S7017 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com