Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-16050 Datasheet(PDF) 5 Page - ON Semiconductor

Part # KAI-16050
Description  Interline CCD Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-16050 Datasheet(HTML) 5 Page - ON Semiconductor

  KAI-16050 Datasheet HTML 1Page - ON Semiconductor KAI-16050 Datasheet HTML 2Page - ON Semiconductor KAI-16050 Datasheet HTML 3Page - ON Semiconductor KAI-16050 Datasheet HTML 4Page - ON Semiconductor KAI-16050 Datasheet HTML 5Page - ON Semiconductor KAI-16050 Datasheet HTML 6Page - ON Semiconductor KAI-16050 Datasheet HTML 7Page - ON Semiconductor KAI-16050 Datasheet HTML 8Page - ON Semiconductor KAI-16050 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
KAI−16050
www.onsemi.com
5
ESD Protection
Adherence to the power−up and power−down sequence is
critical. Failure to follow the proper power−up and
power−down sequences may cause damage to the sensor.
See Power−Up and Power−Down Sequence section.
Bayer Color Filter Pattern
Figure 3. Bayer Color Filter Pattern
22 Dark
22
V1B
12 Buffer
12
12
B G
G R
22
FLD
FLD
4896H x 3264V
2448
2448
2448
2448
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
8 22 10 1
12
8
22
10
1
12
8
22
10
1
12
8 22 10 1
12
22
12
DevID
B G
G R
B G
G R
B G
G R
(Last VCCD Phase = V1 → H1S)
5.5 mm x 5.5 mm Pixels
TRUESENSE Sparse Color Filter Pattern
Figure 4. TRUESENSE Sparse Color Filter Pattern
22 Dark
22
V1B
12 Buffer
12
12
22
FLD
FLD
4896H x 3264V
2448
2448
2448
2448
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
8 22 10 1
12
8
22
10
1
12
8
22
10
1
12
8 22 10 1
12
22
12
DevID
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
5.5 mm x 5.5 mm Pixels
(Last VCCD Phase = V1 → H1S)


Similar Part No. - KAI-16050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-16000 ONSEMI-KAI-16000 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
KAI-16000 ONSEMI-KAI-16000 Datasheet
644Kb / 28P
   Interline CCD Image Sensor
February, 2016 ??Rev. 6
KAI-16000-AAA-JD-AE ONSEMI-KAI-16000-AAA-JD-AE Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
KAI-16000-AAA-JD-AE ONSEMI-KAI-16000-AAA-JD-AE Datasheet
644Kb / 28P
   Interline CCD Image Sensor
February, 2016 ??Rev. 6
KAI-16000-AAA-JD-B1 ONSEMI-KAI-16000-AAA-JD-B1 Datasheet
636Kb / 27P
   Interline CCD Image Sensor
September, 2015 ??Rev. 5
More results

Similar Description - KAI-16050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com