Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-0373-AAA-CP-BA Datasheet(PDF) 11 Page - ON Semiconductor

Part # KAI-0373-AAA-CP-BA
Description  Interline CCD Image Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-0373-AAA-CP-BA Datasheet(HTML) 11 Page - ON Semiconductor

Back Button KAI-0373-AAA-CP-BA Datasheet HTML 7Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 8Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 9Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 10Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 11Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 12Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 13Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 14Page - ON Semiconductor KAI-0373-AAA-CP-BA Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
KAI−0373
www.onsemi.com
11
OPERATION
Absolute Maximum Ratings
Absolute maximum rating is defined as a level or
condition that should not be exceeded at any time per the
description. If the level or the condition is exceeded,
the device will be degraded and may be damaged.
Table 9. ABSOLUTE MAXIMUM RATINGS
Rating
Description
Min.
Max.
Unit
Notes
Temperature
(@ 10%
±5% RH)
Operation to Specification
25
40
°C
Operation Without Damage
−25
55
°C
Storage
−25
70
°C
Voltage
(Between Pins)
SUB−WELL
0
50
V
1, 3
VRD, VDD, and VSS−WELL
0
25
V
2
All Clocks − WELL
17
V
2
fV1 − fV2
17
V
2
fH1 − fH2
17
V
2
fH1, fH2 − fV2
17
V
2
fH2 − OG
17
V
2
All Clocks − LTSH
17
V
2
VLG, OG − WELL
17
V
2
All Gates – LTSH
17
V
2
Current
Output Bias Current (IDD)
10
mA
Capacitance
Output Load Capacitance (CLOAD)
10
pF
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Under normal operating conditions the substrate voltage should be above +7 V, but may be pulsed to 40 V for electronic shuttering.
2. Care must be taken in handling so as not to create static discharge which may permanently damage the device.
3. Refer to Application Note Using Interline CCD Image Sensors s in High Intensity Visible Lighting Conditions.
DC Bias Operating Conditions
Table 10. DC BIAS OPERATING CONDITIONS
Description
Symbol
Min.
Nom.
Max.
Unit
Notes
Output Gate
OG
1.5
2
2.5
V
Reset Drain
VRD
10
10.5
11
V
Output Amplifier Return
VSS
0.4
0.5
0.6
V
Output Amplifier Load Gate
VLG
1.7
2
2.5
V
Output Amplifier Supply
VDD
14.5
15
15.5
V
Well
WELL
0
V
Lightshield
LTSH
0
V
Substrate
SUB
7
VAB
25
V
1, 4
Output Bias Current
IOUT
3
5
7
mA
2
ESD Bias
ESD
−10
V
3
1. The operating value of the substrate voltage, VAB, will be marked on the shipping container for each device. The substrate is clocked in
electronic shutter mode operation. A shutter pulse with voltage less than 50 V for less than 100
ms is allowed. See AC Clock Level Conditions
and AC Timing Requirements. Well and substrate biases should be established before other gate and diode potentials are applied.
2. A 1.8 k
W resistor between VOUT and ground is recommended to obtain IOUT = 5 mA. VOUT must not be shorted to ground.
3. Pins 11 and 13 are biased to –10 V. The ESD bias must be at least 1 V more negative than
fH1 and fH2 during sensor operation AND during
camera power turn on.
4. Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions.


Similar Part No. - KAI-0373-AAA-CP-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-0330 ONSEMI-KAI-0330 Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-AAA-CP-AE ONSEMI-KAI-0330-AAA-CP-AE Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-AAA-CP-BA ONSEMI-KAI-0330-AAA-CP-BA Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-ABA-CB-AA ONSEMI-KAI-0330-ABA-CB-AA Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-ABA-CB-AE ONSEMI-KAI-0330-ABA-CB-AE Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
More results

Similar Description - KAI-0373-AAA-CP-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com