Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-37500-NXA-JH-AE Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAF-37500-NXA-JH-AE
Description  Frame CCD Image Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-37500-NXA-JH-AE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAF-37500-NXA-JH-AE Datasheet HTML 6Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 7Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 8Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 9Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 10Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 11Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 12Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 13Page - ON Semiconductor KAF-37500-NXA-JH-AE Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
KAF−37500
www.onsemi.com
10
TYPICAL PERFORMANCE CURVES
Figure 7. Typical Quantum Efficiency
Wavelength (nm)
0.00
0.05
0.10
0.15
0.20
0.25
350
400
450
500
550
600
650
700
750
800
0.30
0.35
0.40
0.45
KAF−37500 QE w/Production IR Glass (1.0 mm)
Red Pixels
Green Pixels
Blue Pixels
GB Pixels
GR Pixels
Figure 8. Typical GR−GB QE Difference
Wavelength (nm)
−0.015
−0.010
−0.005
0.000
0.005
0.010
350
400
450
500
550
600
650
700
750
800
0.015
KAF−37500−NXA Green Pixel Response Difference
GR > GB
GB > GR


Similar Part No. - KAF-37500-NXA-JH-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-31600-CX ONSEMI-KAF-31600-CX Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-3200 ONSEMI-KAF-3200 Datasheet
368Kb / 15P
   Full Frame CCD Image Sensor
March, 2015 ??Rev. 3
KAF-3200-12-5-A-EVK ONSEMI-KAF-3200-12-5-A-EVK Datasheet
368Kb / 15P
   Full Frame CCD Image Sensor
March, 2015 ??Rev. 3
KAF-3200-ABA-CD-AE ONSEMI-KAF-3200-ABA-CD-AE Datasheet
368Kb / 15P
   Full Frame CCD Image Sensor
March, 2015 ??Rev. 3
More results

Similar Description - KAF-37500-NXA-JH-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-40000 ONSEMI-KAF-40000 Datasheet
500Kb / 26P
   Frame CCD Image Sensor
September, 2015 ??Rev. 3
KAF-50100 ONSEMI-KAF-50100 Datasheet
258Kb / 25P
   Frame CCD Image Sensor
April, 2015 ??Rev. 3
KAF-18500 ONSEMI-KAF-18500 Datasheet
571Kb / 20P
   Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16200 ONSEMI-KAF-16200 Datasheet
317Kb / 21P
   Frame CCD Image Sensor
October, 2015 ??Rev. 0
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com